Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF861 Datasheet(PDF) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF861
Description  N-channel junction FETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF861 Datasheet(HTML) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF861_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF861_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF861_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF861_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF861_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF861_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF861_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF861_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF861_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1997 Sep 04
6
Philips Semiconductors
Product specification
N-channel junction FETs
BF861A; BF861B; BF861C
Fig.7 Typical input characteristics.
BF861A
VDS =8V.
handbook, halfpage
10
5
0
1
MBD465
2
3
4
0.8
0.6
0.4
0.2
V
(V)
GS
I D
(mA)
Fig.8 Typical output characteristics.
BF861A
VDS =8V.
handbook, halfpage
010
5
0
1
MBD466
2
3
4
2
468
V
(V)
DS
I D
(mA)
VGS = 0 V
100 mV
200 mV
300 mV
Fig.9 Typical input characteristics.
BF861B
VDS =8V.
handbook, halfpage
10
10
0
2
MBD467
4
6
8
0.8
0.6
0.4
0.2
V
(V)
GS
I D
(mA)
Fig.10 Typical output characteristics.
BF861B
VDS =8V.
handbook, halfpage
010
10
0
2
MBD468
4
6
8
2
468
V
(V)
DS
I D
(mA)
VGS = 0 V
100 mV
200 mV
300 mV
400 mV
500 mV


Similar Part No. - BF861_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF861A PHILIPS-BF861A Datasheet
102Kb / 12P
   N-channel junction FETs
1997 Sep 04
BF861A NXP-BF861A Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF861B PHILIPS-BF861B Datasheet
102Kb / 12P
   N-channel junction FETs
1997 Sep 04
BF861B NXP-BF861B Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF861C PHILIPS-BF861C Datasheet
102Kb / 12P
   N-channel junction FETs
1997 Sep 04
More results

Similar Description - BF861_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBFJ108 PHILIPS-PMBFJ108 Datasheet
36Kb / 6P
   N-channel junction FETs
April 1995
BF861A PHILIPS-BF861A Datasheet
102Kb / 12P
   N-channel junction FETs
1997 Sep 04
PMBFJ111 PHILIPS-PMBFJ111 Datasheet
36Kb / 6P
   N-channel junction FETs
April 1995
logo
Quanzhou Jinmei Electro...
BF861_2015 JMNIC-BF861_2015 Datasheet
91Kb / 12P
   N-channel junction FETs
logo
NXP Semiconductors
J108 PHILIPS-J108 Datasheet
45Kb / 7P
   N-channel silicon junction FETs
1996 Jul 30
PMBFJ112-215 NXP-PMBFJ112-215 Datasheet
87Kb / 9P
   N-channel junction FETs Rev. 4 ??20 September 2011
Rev. 4-20 September 2011
PMBF4391 PHILIPS-PMBF4391 Datasheet
40Kb / 7P
   N-channel FETs
April 1995
BSR56 PHILIPS-BSR56 Datasheet
37Kb / 6P
   N-channel FETs
April 1991
logo
New Jersey Semi-Conduct...
BFW12 NJSEMI-BFW12 Datasheet
87Kb / 3P
   N-CHANNEL SILICON FETS
logo
TEMIC Semiconductors
SST211-T1 TEMIC-SST211-T1 Datasheet
92Kb / 6P
   N-Channel Lateral DMOS FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com