Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL8002-25 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPL8002-25
Description  TANDEM 64-TAP DIGITAL POTENTIOMETER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL8002-25 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPL8002-25_15 Datasheet HTML 4Page - Texas Instruments TPL8002-25_15 Datasheet HTML 5Page - Texas Instruments TPL8002-25_15 Datasheet HTML 6Page - Texas Instruments TPL8002-25_15 Datasheet HTML 7Page - Texas Instruments TPL8002-25_15 Datasheet HTML 8Page - Texas Instruments TPL8002-25_15 Datasheet HTML 9Page - Texas Instruments TPL8002-25_15 Datasheet HTML 10Page - Texas Instruments TPL8002-25_15 Datasheet HTML 11Page - Texas Instruments TPL8002-25_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
20-May-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TPL8002-25PWR
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
PHY03A
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - TPL8002-25_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL8002-25PWR TI-TPL8002-25PWR Datasheet
144Kb / 10P
[Old version datasheet]   TANDEM 64-TAP DIGITAL POTENTIOMETER
More results

Similar Description - TPL8002-25_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL8002-25 TI-TPL8002-25 Datasheet
144Kb / 10P
[Old version datasheet]   TANDEM 64-TAP DIGITAL POTENTIOMETER
logo
Copal Electronics
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
   32-Tap Digital Potentiometer
DP7115 COPAL-DP7115 Datasheet
178Kb / 12P
   32-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
   32-Tap Digital Potentiometer
DP7111 COPAL-DP7111 Datasheet
184Kb / 12P
   100-Tap Digital Potentiometer
DP7113 COPAL-DP7113 Datasheet
173Kb / 12P
   100-Tap Digital Potentiometer
logo
Intersil Corporation
X9401 INTERSIL-X9401_06 Datasheet
339Kb / 19P
   Quad, 64 Tap, Digitally Controlled Potentiometer
X9401WS24IZ INTERSIL-X9401WS24IZ Datasheet
403Kb / 20P
   Quad, 64 Tap, Digitally Controlled Potentiometer
September 14, 2015
logo
ON Semiconductor
CAT5113VI-00 ONSEMI-CAT5113VI-00 Datasheet
204Kb / 13P
   100-tap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
logo
Intersil Corporation
X9401 INTERSIL-X9401_09 Datasheet
346Kb / 18P
   Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com