Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF909WR Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF909WR
Description  N-channel dual-gate MOS-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF909WR Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF909WR_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909WR_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909WR_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909WR_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909WR_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909WR_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909WR_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909WR_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909WR_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1997 Sep 05
3
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF909WR
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on a printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
7V
ID
drain current
40
mA
IG1
gate 1 current
−±10
mA
IG2
gate 2 current
−±10
mA
Ptot
total power dissipation
up to Tamb =50 °C; see Fig.2;
note 1
280
mW
Tstg
storage temperature range
−65
+150
°C
Tj
operating junction temperature
+150
°C
Fig.2 Power derating curve.
handbook, halfpage
0
50
100
200
300
0
MLD150
150
200
100
Ptot
(mW)
T
( C)
amb
o


Similar Part No. - BF909WR_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF909WR_2015 JMNIC-BF909WR_2015 Datasheet
138Kb / 12P
   N-channel dual-gate MOS-FET
More results

Similar Description - BF909WR_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF996S PHILIPS-BF996S Datasheet
35Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
logo
Quanzhou Jinmei Electro...
BF994S_2015 JMNIC-BF994S_2015 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
BF998WR_2015 JMNIC-BF998WR_2015 Datasheet
82Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR JMNIC-BF908WR_15 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF991 NXP-BF991 Datasheet
226Kb / 7P
   N-channel dual-gate MOS-FET
Rev. 03-20 November 2007
BF998WR PHILIPS-BF998WR Datasheet
94Kb / 12P
   N-channel dual-gate MOS-FET
1997 Sep 05
logo
Quanzhou Jinmei Electro...
BF904WR_2015 JMNIC-BF904WR_2015 Datasheet
91Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR_2015 JMNIC-BF908WR_2015 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
BF996S JMNIC-BF996S_15 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF994S PHILIPS-BF994S Datasheet
41Kb / 5P
   N-channel dual-gate MOS-FET
July 1993
BF997 PHILIPS-BF997 Datasheet
31Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com