Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF992 Datasheet(PDF) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF992
Description  Silicon N-channel dual gate MOS-FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF992 Datasheet(HTML) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF992_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NXP Semiconductors
Product specification
Silicon N-channel dual gate MOS-FET
BF992
PACKAGE OUTLINE
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
1.1
0.9
A1
max
0.1
b1
0.88
0.78
c
0.15
0.09
D
3.0
2.8
E
1.4
1.2
HE
y
w
v
Q
2.5
2.1
0.45
0.15
0.55
0.45
e
1.9
e1
1.7
Lp
0.1
0.1
0.2
bp
0.48
0.38
DIMENSIONS (mm are the original dimensions)
SOT143B
97-02-28
0
1
2 mm
scale
Plastic surface mounted package; 4 leads
SOT143B
D
HE
E
A
B
v M A
X
A
A1
Lp
Q
detail X
c
y
w M
e1
e
B
2
1
3
4
b1
bp
Rev. 04 - 21 November 2007
7 of 9


Similar Part No. - BF992_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF992_2015 JMNIC-BF992_2015 Datasheet
249Kb / 9P
   Silicon N-channel dual gate MOS-FET
More results

Similar Description - BF992_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
3SK298 HITACHI-3SK298 Datasheet
54Kb / 11P
   Silicon N-Channel Dual Gate MOS FET
logo
List of Unclassifed Man...
BF982 ETC-BF982 Datasheet
123Kb / 3P
   SILICON N-CHANNEL DUAL GATE MOS-FET
logo
Hitachi Semiconductor
3SK322 HITACHI-3SK322 Datasheet
90Kb / 12P
   Silicon N-Channel Dual Gate MOS FET
3SK290 HITACHI-3SK290 Datasheet
90Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
3SK194 HITACHI-3SK194 Datasheet
37Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
logo
NXP Semiconductors
BF981 PHILIPS-BF981 Datasheet
27Kb / 1P
   SILICON N-CHANNEL DUAL GATE MOS-FET
December 1990
logo
Renesas Technology Corp
3SK296 RENESAS-3SK296 Datasheet
190Kb / 8P
   Silicon N-Channel Dual Gate MOS FET
3SK297 RENESAS-3SK297 Datasheet
196Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
logo
Hitachi Semiconductor
3SK295 HITACHI-3SK295 Datasheet
51Kb / 10P
   Silicon N-Channel Dual Gate MOS FET
3SK186 HITACHI-3SK186 Datasheet
31Kb / 6P
   Silicon N-Channel Dual Gate MOS FET
3SK297 HITACHI-3SK297 Datasheet
54Kb / 11P
   Silicon N-Channel Dual Gate MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com