Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4946 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 1N4946
Description  1 Amp Fast Recovery Rectifier 200 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4946 Datasheet(HTML) 2 Page - Micro Commercial Components

  1N4946 Datasheet HTML 1Page - Micro Commercial Components 1N4946 Datasheet HTML 2Page - Micro Commercial Components 1N4946 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N4942 thru 1N4948
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
.2
.4
.6
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
.8
1.0
1.2
Junction Capacitance - pFversus
Reverse Voltage - Volts
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.4
.6
.8
1.0
1.2
1.4
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
1
2
6
10
20
100
pF
Volts
60
40
4
400
1000
TJ=25
°C
www.mccsemi.com


Similar Part No. - 1N4946

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4946 PANJIT-1N4946 Datasheet
55Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 200 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Nanjing International G...
1N4946 DGNJDZ-1N4946 Datasheet
219Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
1N4946 BILIN-1N4946 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIER
logo
New Jersey Semi-Conduct...
1N4946 NJSEMI-1N4946 Datasheet
110Kb / 1P
   DO-41
logo
Transys Electronics
1N4946 TRSYS-1N4946 Datasheet
162Kb / 3P
   FAST SWITCHING PLASTIC RECTIFIER
More results

Similar Description - 1N4946

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4942 CHENYI-1N4942 Datasheet
51Kb / 3P
   1 Amp Fast Recovery Rectifier 200 to 1000 Volts
logo
Micro Commercial Compon...
1N4942 MCC-1N4942_13 Datasheet
451Kb / 4P
   1 Amp Fast Recovery Rectifier 200 to 1000 Volts
1N4942GP MCC-1N4942GP Datasheet
81Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
1N4942GP MCC-1N4942GP_13 Datasheet
445Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
1N4942GP MCC-1N4942GP_11 Datasheet
429Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
logo
Shanghai Lunsure Electr...
1N4942GP CHENYI-1N4942GP Datasheet
53Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 200-1000 Volts
logo
Solid States Devices, I...
SPD5615 SSDI-SPD5615 Datasheet
183Kb / 2P
   1.0 AMP 200 - 1000 VOLTS FAST RECOVERY RECTIFIER
SPD5614SM SSDI-SPD5614SM Datasheet
167Kb / 2P
   1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
SPD5614 SSDI-SPD5614 Datasheet
112Kb / 2P
   1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
logo
Micro Commercial Compon...
BA157 MCC-BA157 Datasheet
371Kb / 3P
   1 Amp Fast Recovery Rectifier 400~1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com