Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF998 Datasheet(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF998
Description  Silicon N-channel dual-gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF998 Datasheet(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF998_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1996 Aug 01
4
Philips Semiconductors
Product specification
Silicon N-channel dual-gate MOS-FETs
BF998; BF998R
THERMAL CHARACTERISTICS
Notes
1. Device mounted on a ceramic substrate, 8 mm
× 10 mm × 0.7 mm.
2. Device mounted on a printed-circuit board.
STATIC CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
Note
1. Measured under pulse condition.
DYNAMIC CHARACTERISTICS
Common source; Tamb =25 °C; VDS =8V; VG2-S = 4 V; ID = 10 mA.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air; BF998
note 1
460
K/W
note 2
500
K/W
Rth j-a
thermal resistance from junction to ambient in free air; BF998R note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
±V
(BR)G1-SS
gate 1-source breakdown voltage
VG2-S =VDS = 0; IG1-SS = ±10 mA
6
20
V
±V(BR)G2-SS gate 2-source breakdown voltage
VG1-S =VDS = 0; IG2-SS = ±10 mA
6
20
V
−V(P)G1-S
gate 1-source cut-off voltage
VG2-S =4V; VDS =8V; ID =20 µA
2.0
V
−V(P)G2-S
gate 2-source cut-off voltage
VG1-S = 0; VDS =8V; ID =20 µA
1.5
V
IDSS
drain-source current
VG2-S =4V; VDS =8V; VG1-S = 0; note 1
2
18
mA
±IG1-SS
gate 1 cut-off current
VG2-S =VDS = 0; VG1-S = ±5V
50
nA
±IG2-SS
gate 2 cut-off current
VG1-S =VDS = 0; VG2-S = ±5V
50
nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
y
fs
forward transfer admittance
f = 1 kHz
21
24
mS
Cig1-s
input capacitance at gate 1
f = 1 MHz
2.1
2.5
pF
Cig2-s
input capacitance at gate 2
f = 1 MHz
1.2
pF
Cos
output capacitance
f = 1 MHz
1.05
pF
Crs
reverse transfer capacitance
f = 1 MHz
25
fF
F
noise figure
f = 200 MHz; GS = 2 mS; BS =BSopt
0.6
dB
f = 800 MHz; GS = 3.3 mS; BS =BSopt
1.0
dB


Similar Part No. - BF998_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF998A VISHAY-BF998A Datasheet
155Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 23-Jun-99
BF998A VISHAY-BF998A Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
BF998A-GS08 VISHAY-BF998A-GS08 Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
BF998B VISHAY-BF998B Datasheet
155Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 23-Jun-99
logo
NXP Semiconductors
BF998R PHILIPS-BF998R Datasheet
114Kb / 12P
   Silicon N-channel dual-gate MOS-FETs
1996 Aug 01
More results

Similar Description - BF998_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
3SK45 HITACHI-3SK45 Datasheet
68Kb / 1P
   SILICON N-CHANNEL DUAL GATE MOSFET
logo
List of Unclassifed Man...
BF980 ETC1-BF980 Datasheet
153Kb / 3P
   Silicon N-channel dual gate MOSFET
logo
Hitachi Semiconductor
3SK298 HITACHI-3SK298 Datasheet
54Kb / 11P
   Silicon N-Channel Dual Gate MOS FET
logo
List of Unclassifed Man...
BF982 ETC-BF982 Datasheet
123Kb / 3P
   SILICON N-CHANNEL DUAL GATE MOS-FET
logo
Hitachi Semiconductor
3SK322 HITACHI-3SK322 Datasheet
90Kb / 12P
   Silicon N-Channel Dual Gate MOS FET
3SK290 HITACHI-3SK290 Datasheet
90Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
3SK194 HITACHI-3SK194 Datasheet
37Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
logo
NXP Semiconductors
BF981 PHILIPS-BF981 Datasheet
27Kb / 1P
   SILICON N-CHANNEL DUAL GATE MOS-FET
December 1990
BF998 PHILIPS-BF998 Datasheet
114Kb / 12P
   Silicon N-channel dual-gate MOS-FETs
1996 Aug 01
logo
Renesas Technology Corp
3SK296 RENESAS-3SK296 Datasheet
190Kb / 8P
   Silicon N-Channel Dual Gate MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com