Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHP4511 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHP4511
Description  6-18GHz Phase-shifter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHP4511 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHP4511_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHP4511_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHP4511_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHP4511_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHP4511_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHP4511_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHP4511_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHP4511_15 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
6-18GHz Phase-shifter
CHP4511
Ref. : DSCHP45110197 - 16 Jul 10
3/8
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Phase Shifter Control Interface
The 4-bit phase shifter is controlled by 5 voltages:
State
TOTAL
PHASE SHIFT
_
D
25°
_
C
45°
_
B
90°
A
180°
_
A
180°
0
0
0
0
-5V
0
1
22.5°
-5V
0
0
-5V
0
2
45°
0
-5V
0
-5V
0
3
67.5°
-5V
-5V
0
-5V
0
4
90°
0
0
-5V
-5V
0
5
112.5°
-5V
0
-5V
-5V
0
6
135°
0
-5V
-5V
-5V
0
7
157.5°
-5V
-5V
-5V
-5V
0
8
180°
0
0
0
0
-5V
9
202.5°
-5V
0
0
0
-5V
10
225°
0
-5V
0
0
-5V
11
247.5°
-5V
-5V
0
0
-5V
12
270°
0
0
-5V
0
-5V
13
292.5°
-5V
0
-5V
0
-5V
14
315°
0
-5V
-5V
0
-5V
15
337.5°
-5V
-5V
-5V
0
-5V
The SPDT switch allows to choice one of the output path:
SPDT Control
Output Selected
E
_
E
0
-5V
O/I 1
-5V
0
O/I 2


Similar Part No. - CHP4511_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHP4511 UMS-CHP4511 Datasheet
684Kb / 8P
   6-18GHz Phase-shifter
More results

Similar Description - CHP4511_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHP4511 UMS-CHP4511 Datasheet
684Kb / 8P
   6-18GHz Phase-shifter
logo
DAICO Industries, Inc.
CPS62036 DAICO-CPS62036 Datasheet
173Kb / 1P
   Phase Shifter 6 Section
100D0896 DAICO-100D0896 Datasheet
158Kb / 1P
   Phase Shifter 6 Section
DP0921 DAICO-DP0921 Datasheet
30Kb / 1P
   Phase Shifter 6 Section
logo
TriQuint Semiconductor
TGP6336 TRIQUINT-TGP6336_15 Datasheet
518Kb / 10P
   6 - 18 GHz Phase Shifter
logo
Merrimac Industries, In...
PTM-64A-10B MERRIMAC-PTM-64A-10B Datasheet
177Kb / 1P
   6-Bit DIGITAL PHASE SHIFTER
logo
TriQuint Semiconductor
TGP6336 TRIQUINT-TGP6336 Datasheet
472Kb / 7P
   6 - 18 GHz Phase Shifter
logo
United Monolithic Semic...
CHP4014-QEG UMS-CHP4014-QEG Datasheet
579Kb / 10P
   5-6GHz 6-bit Phase-Shifter
CHA3511 UMS-CHA3511 Datasheet
361Kb / 10P
   6-18GHz Amplifier
CHP1102-98F UMS-CHP1102-98F_15 Datasheet
679Kb / 10P
   S-Band 6-bit Phase Shifter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com