Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR3894-QEG Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHR3894-QEG
Description  37-40GHz Integrated Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3894-QEG Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHR3894-QEG_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHR3894-QEG_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHR3894-QEG_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHR3894-QEG_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHR3894-QEG_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHR3894-QEG_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHR3894-QEG_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHR3894-QEG_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHR3894-QEG_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
37-40GHz Integrated Down Converter
CHR3894-QEG
Ref. : DSCHR3894-QEG2201 -19 jul 12
3/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Absolute Maximum Ratings
(1)
Tamb.= +25°C
Symbol
Parameter
Values
Unit
VD, VD1
Drain bias voltages
4.5V
V
IDt
Drain bias current
340
mA
VGL, VGX
Gate bias voltages
-2 to +0.4
V
GC
Gain Control voltage
-2.5 to +0.8
V
P_RF
Maximum peak input power overdrive
(2)
+15
dBm
P_LO
Maximum LO input power
+15
dBm
Tj
Junction temperature
(2)
175
°C
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +150
°C
(1) Operation of this device above anyone of these parameters may cause permanent
damage.
(2) Duration < 1s.
Typical Bias Conditions
Tamb.= +25°C
Symbol
Pad N
o
Parameter
Values
Unit
VD1, VD
10, 11
DC drain voltages (LNA and LO-chain)
4
V
ID1
10
LNA drain current controlled with VGL
125
mA
VGL
9
LNA DC gate voltage
-0.1
V
VGX
12
Multiplier DC gate voltage
-0.9
V
GC
8
Gain control DC voltage
-2 to 0.6
V


Similar Part No. - CHR3894-QEG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3894-QEG UMS-CHR3894-QEG Datasheet
378Kb / 14P
   37-40GHz Integrated Down Converter
More results

Similar Description - CHR3894-QEG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR3894-98F UMS-CHR3894-98F_15 Datasheet
530Kb / 12P
   37-40GHz Integrated Down Converter
CHR3394-QEG UMS-CHR3394-QEG_15 Datasheet
450Kb / 14P
   37-40GHz Integrated Down Converter
CHR3894-98F UMS-CHR3894-98F Datasheet
518Kb / 12P
   37-40GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG Datasheet
378Kb / 14P
   37-40GHz Integrated Down Converter
MFC-PO13811 UMS-MFC-PO13811 Datasheet
186Kb / 4P
   37-40GHz Integrated Down converter
CHR3694-QDG UMS-CHR3694-QDG_11 Datasheet
538Kb / 18P
   37-40GHz Integrated Down converter
CHR3394-QEG UMS-CHR3394-QEG Datasheet
439Kb / 14P
   37-40GHz Integrated Down Converter
MFC-PO13811-QDG UMS-MFC-PO13811-QDG Datasheet
461Kb / 10P
   37-40GHz Down converter
CHR2296 UMS-CHR2296_11 Datasheet
160Kb / 6P
   36-40GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com