Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHS2411-QDG Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHS2411-QDG
Description  23-26GHz Reflective SP4T Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHS2411-QDG Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHS2411-QDG Datasheet HTML 1Page - United Monolithic Semiconductors CHS2411-QDG Datasheet HTML 2Page - United Monolithic Semiconductors CHS2411-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHS2411-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHS2411-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHS2411-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHS2411-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHS2411-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHS2411-QDG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
23-26GHz Reflective SP4T Switch
CHS2411-QDG
Ref. : DSCHS2411-QDG5083 - 24 Mar 15
5/10
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Package outline
(1)
Matt tin, Lead Free
(Green)
1-
Nc
9-
RF in
17-
P2
Units :
mm
2-
P3
10-
Gnd
(2)
18-
Nc
From the standard :
JEDEC MO-220
3-
Gnd
(2)
11-
Gnd
(2)
19-
Gnd
(2)
(VGGD)
4-
RFout4
12-
P1
20-
RFout2
25-
GND
5-
Gnd
(2)
13-
Vd
(3)
21-
Gnd
(2)
6-
Vd
(3)
14-
Gnd
(2)
22-
Gnd
(2)
7-
P4
15-
RFout1
23-
RFout3
8-
Gnd
(2)
16-
Gnd
(2)
24-
Gnd
(2)
(1) The package outline drawing included in this data-sheet is given for indication. Refer to the
application note AN0017 (http://www.ums-gaas.com) for exact package dimensions.
(2) It is strongly recommended to ground all pins marked “Gnd” through the PCB board.
Ensure that the PCB board is designed to provide the best possible ground to the package.
(3) Vd = +5V.


Similar Part No. - CHS2411-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHS2411-QDG UMS-CHS2411-QDG Datasheet
698Kb / 10P
   23-26GHz Reflective SP4T Switch
More results

Similar Description - CHS2411-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHS2411-QDG UMS-CHS2411-QDG Datasheet
698Kb / 10P
   23-26GHz Reflective SP4T Switch
CHS2412-QDG UMS-CHS2412-QDG_15 Datasheet
642Kb / 10P
   23-26GHz Reflective SP4T Switch
logo
Hittite Microwave Corpo...
HMC1084LC4 HITTITE-HMC1084LC4 Datasheet
1Mb / 6P
   GaAs MMIC SP4T REFLECTIVE SWITCH 23 - 30 GHz
HMC944LC4 HITTITE-HMC944LC4 Datasheet
694Kb / 4P
   GaAs MMIC SP4T REFLECTIVE SWITCH, 23 - 30 GHz
logo
Filtronic Compound Semi...
FMS2003 FILTRONIC-FMS2003 Datasheet
459Kb / 4P
   SP4T Reflective pHEMT MMIC Switch
FMS2016-001 FILTRONIC-FMS2016-001 Datasheet
220Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2016-001 FILTRONIC-FMS2016-001_1 Datasheet
288Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2003QFN FILTRONIC-FMS2003QFN Datasheet
179Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2016QFN FILTRONIC-FMS2016QFN Datasheet
199Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2016-005 FILTRONIC-FMS2016-005 Datasheet
290Kb / 6P
   High Power Reflective GaAs SP4T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com