Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF1100WR Datasheet(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF1100WR
Description  Dual-gate MOS-FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1100WR Datasheet(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF1100WR_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
1995 Apr 25
4
Philips Semiconductors
Product specification
Dual-gate MOS-FET
BF1100WR
THERMAL CHARACTERISTICS
Notes
1. Device mounted on a printed-circuit board.
2. Ts is the temperature at the soldering point of the source lead.
STATIC CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
Notes
1. RG1 connects gate 1 to VGG = 9 V; see Fig.26.
2. RG1 connects gate 1 to VGG = 12 V; see Fig.26.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
350
K/W
Rth j-s
thermal resistance from junction to soldering point
Ts =91 °C; note 2
210
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)G1-SS
gate 1-source breakdown voltage
VG2-S =VDS = 0; IG1-S = 1 mA
13.2
20
V
V(BR)G2-SS
gate 2-source breakdown voltage
VG1-S =VDS = 0; IG2-S = 1 mA
13.2
20
V
V(F)S-G1
forward source-gate 1 voltage
VG2-S =VDS = 0; IS-G1 = 10 mA
0.5
1.5
V
V(F)S-G2
forward source-gate 2 voltage
VG1-S =VDS = 0; IS-G2 = 10 mA
0.5
1.5
V
VG1-S(th)
gate 1-source threshold voltage
VG2-S =4V; VDS =9V;
ID =20 µA
0.3
1
V
VG2-S =4V; VDS =12V;
ID =20 µA
0.3
1
V
VG2-S(th)
gate 2-source threshold voltage
VG1-S =4V; VDS =9V;
ID =20 µA
0.3
1.2
V
VG1-S =4V; VDS =12V;
ID =20 µA
0.3
1.2
V
IDSX
drain-source current
VG2-S =4V; VDS =9V;
RG1 = 180 kΩ; note 1
813
mA
VG2-S =4V; VDS =12V;
RG1 = 250 kΩ; note 2
813
mA
IG1-SS
gate 1 cut-off current
VG2-S =VDS = 0; VG1-S =12V
50
nA
IG2-SS
gate 2 cut-off current
VG1-S =VDS = 0; VG2-S =12V
50
nA


Similar Part No. - BF1100WR_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF1100WR_2015 JMNIC-BF1100WR_2015 Datasheet
106Kb / 14P
   Dual-gate MOS-FET
More results

Similar Description - BF1100WR_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1100WR PHILIPS-BF1100WR Datasheet
146Kb / 14P
   Dual-gate MOS-FET
1995 Apr 25
logo
Quanzhou Jinmei Electro...
BF1100WR_2015 JMNIC-BF1100WR_2015 Datasheet
106Kb / 14P
   Dual-gate MOS-FET
logo
NXP Semiconductors
BF1100WR NXP-BF1100WR Datasheet
471Kb / 16P
   Dual-gate MOS-FET
1995 Apr 25
BF1204 PHILIPS-BF1204 Datasheet
110Kb / 12P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
BF1205 PHILIPS-BF1205 Datasheet
185Kb / 24P
   Dual N-channel dual gate MOS-FET
2003 Sep 30
BF1206 PHILIPS-BF1206 Datasheet
186Kb / 21P
   Dual N-channel dual-gate MOS-FET
2003 Nov 17
logo
Quanzhou Jinmei Electro...
BF1205C_2015 JMNIC-BF1205C_2015 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206_2015 JMNIC-BF1206_2015 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206 JMNIC-BF1206_15 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com