Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A3159 Datasheet(PDF) 3 Page - Texas Instruments

Part # TS5A3159
Description  TS5A3159 1-廓 SPDT Analog Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3159 Datasheet(HTML) 3 Page - Texas Instruments

  TS5A3159_15 Datasheet HTML 1Page - Texas Instruments TS5A3159_15 Datasheet HTML 2Page - Texas Instruments TS5A3159_15 Datasheet HTML 3Page - Texas Instruments TS5A3159_15 Datasheet HTML 4Page - Texas Instruments TS5A3159_15 Datasheet HTML 5Page - Texas Instruments TS5A3159_15 Datasheet HTML 6Page - Texas Instruments TS5A3159_15 Datasheet HTML 7Page - Texas Instruments TS5A3159_15 Datasheet HTML 8Page - Texas Instruments TS5A3159_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
2
3
6
5
4
NO
GND
NC
COM
V+
IN
TS5A3159
TS5A3159
www.ti.com
SCDS174C – AUGUST 2004 – REVISED MARCH 2015
5 Pin Configuration and Functions
DBV and DCK Packages
6-Pin SOT-23 and SC-70
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
NO
I/O
Digital control pin to select between NC and NO
2
GND
Ground
3
NC
I/O
Normally closed switch port
4
COM
I/O
Common switch port
5
V+
Power supply
6
IN
I
Switch select. High = COM connected to NO; Low = COM connected to NC.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
V+
Supply voltage(2)
–0.5
6.5
V
VNO
Analog voltage(2)(3)(4)
–0.5
V+ + 0.5
V
VCOM
II/OK
Analog port diode current
VNO, VCOM < 0 or VNO, VCOM > V+
±50
mA
INO
ON-state switch current
VNO, VCOM = 0 to V+
±200
mA
ICOM
ON-state peak switch current(5)
±400
mA
VIN
Digital input voltage(2)(3)
–0.5
6.5
V
IIK
Digital input clamp current
VIN < 0
–50
mA
Continuous current through V+ or GND
±100
mA
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4)
This value is limited to 5.5 V maximum.
(5)
Pulse at 1-ms duration < 10% duty cycle.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1000
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TS5A3159


Similar Part No. - TS5A3159_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3159 TI1-TS5A3159_14 Datasheet
712Kb / 28P
[Old version datasheet]   1 SPDT ANALOG SWITCH
More results

Similar Description - TS5A3159_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-Q1 TI1-TS5A3159-Q1_14 Datasheet
961Kb / 26P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157 Datasheet
407Kb / 10P
   SPDT 1廓 Analog Switch
logo
Fairchild Semiconductor
FSA4157 FAIRCHILD-FSA4157_07 Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
FSA4157A FAIRCHILD-FSA4157A_12 Datasheet
635Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC Datasheet
436Kb / 10P
   SPDT 0.8廓 Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Alpha & Omega Semicondu...
AOZ6135 AOSMD-AOZ6135 Datasheet
454Kb / 11P
   High Performance, Low RON, 1廓 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com