Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHS5100 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHS5100
Description  DC-20GHz Reflective SPDT Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHS5100 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHS5100 Datasheet HTML 1Page - United Monolithic Semiconductors CHS5100 Datasheet HTML 2Page - United Monolithic Semiconductors CHS5100 Datasheet HTML 3Page - United Monolithic Semiconductors CHS5100 Datasheet HTML 4Page - United Monolithic Semiconductors CHS5100 Datasheet HTML 5Page - United Monolithic Semiconductors CHS5100 Datasheet HTML 6Page - United Monolithic Semiconductors CHS5100 Datasheet HTML 7Page - United Monolithic Semiconductors CHS5100 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CHS5100
RoHS COMPLIANT
Ref. : DSCHS51005011 - 11 Jan 05
1/8
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
DC-20GHz Reflective SPDT Switch
GaAs Monolithic Microwave IC
Description
The CHS5100 is a wideband monolithic
FET based reflective switch manufactured
on a standard power process using 0.7µm
implanted active layer MESFET, via holes,
air
bridges
and
electron
beam
gate
lithography.
This wideband switch is suitable for ultra
broadband ECM and EW systems. It can
also
be
used
in
instrumentation
and
wideband signal processing applications.
Available in chip form
Main Features
Broadband performance : DC-20GHz
Low insertion loss : 2.1dB@20GHz
High isolation : 53dB@1GHz
30dB@20GHz
Excellent input and output matching:
VSWR < 1.5:1
IN
Out 2
Out 1
V2
V1
Chip size : 1,92 x 1,22 x 0.1mm
Main Characteristics
Tamb = +25°C
Symbol
Parameter
Min
Typ
Max
Unit
Il
On state insertion loss
2.5
dB
Is
Off state isolation
25
dB
VSWR
Input and output matching
1.5:1
ESD Protections : Electrostatic sensitive discharge device observe handling precautions !


Similar Part No. - CHS5100

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHS5100 UMS-CHS5100 Datasheet
115Kb / 9P
   DC-20GHz Reflective SPDT Switch
CHS5100 UMS-CHS5100 Datasheet
111Kb / 8P
   DC-20GHz Reflective SPDT Switch
CHS5100-99F/00 UMS-CHS5100-99F/00 Datasheet
115Kb / 9P
   DC-20GHz Reflective SPDT Switch
CHS5100 UMS-CHS5100_05 Datasheet
111Kb / 8P
   DC-20GHz Reflective SPDT Switch
More results

Similar Description - CHS5100

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHS5100 UMS-CHS5100 Datasheet
115Kb / 9P
   DC-20GHz Reflective SPDT Switch
CHS5100 UMS-CHS5100_05 Datasheet
111Kb / 8P
   DC-20GHz Reflective SPDT Switch
logo
Custom MMIC Design Serv...
CMD215 MMIC-CMD215 Datasheet
226Kb / 9P
   DC-40 GHz SPDT Reflective Switch
logo
Teledyne Technologies I...
TDSW030A2T TELEDYNE-TDSW030A2T Datasheet
810Kb / 8P
   dc-30GHz Reflective GaAs SPDT Switch
June 16, 2022
logo
Filtronic Compound Semi...
FMS2024 FILTRONIC-FMS2024_1 Datasheet
184Kb / 5P
   DC-20 GHZ MMIC SPDT REFLECTIVE SWITCH
logo
Hittite Microwave Corpo...
HMC284MS8G HITTITE-HMC284MS8G_07 Datasheet
249Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC435MS8G HITTITE-HMC435MS8G_10 Datasheet
165Kb / 4P
   SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
logo
Custom MMIC Design Serv...
CMD196 MMIC-CMD196 Datasheet
216Kb / 9P
   DC-28 GHz SPDT Non-reflective Switch
logo
Analog Devices
HMC435AMS8G AD-HMC435AMS8G Datasheet
472Kb / 5P
   SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC435MS8G HITTITE-HMC435MS8G Datasheet
189Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com