Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A3359 Datasheet(PDF) 10 Page - Texas Instruments

Part # TS5A3359
Description  TS5A3359 1-廓 SP3T Bidirectional Analog Switch 5-V/3.3-V Single-Channel 3:1 Multiplexer and Demultiplexer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3359 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS5A3359_15 Datasheet HTML 6Page - Texas Instruments TS5A3359_15 Datasheet HTML 7Page - Texas Instruments TS5A3359_15 Datasheet HTML 8Page - Texas Instruments TS5A3359_15 Datasheet HTML 9Page - Texas Instruments TS5A3359_15 Datasheet HTML 10Page - Texas Instruments TS5A3359_15 Datasheet HTML 11Page - Texas Instruments TS5A3359_15 Datasheet HTML 12Page - Texas Instruments TS5A3359_15 Datasheet HTML 13Page - Texas Instruments TS5A3359_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
TS5A3359
SCDS214D – OCTOBER 2005 – REVISED MAY 2015
www.ti.com
Electrical Characteristics for 2.5-V Supply (continued)
VCC = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
DYNAMIC
25°C
2.5 V
2
4.5
43
VCOM = VCC,
CL = 35 pF,
Turnon time
tON
ns
RL = 50 Ω,
See Figure 22
Full
2.3 V to 2.7 V
2
47.5
25°C
2.5 V
2
8.5
11
VCOM = VCC,
CL = 35 pF,
Turnoff time
tOFF
ns
RL = 50 Ω,
See Figure 22
Full
2.3 V to 2.7 V
2
12.5
25°C
2.5 V
0.5
18.5
38.5
Break-before-
VNO = VCC,
CL = 35 pF,
tBBM
ns
make time
RL = 50 Ω,
See Figure 23
Full
2.3 V to 2.7 V
0.5
43
Charge
VGEN = 0,
CL = 1 nF,
QC
25°C
2.5 V
8
pC
injection
RGEN = 0,
See Figure 27
NO
VNO = VCC or GND,
OFF
CNO(OFF)
See Figure 21
25°C
2.5 V
18.5
pF
Switch OFF,
capacitance
COM
VCOM = VCC or GND,
OFF
CCOM(OFF)
See Figure 21
25°C
2.5 V
55
pF
Switch OFF,
capacitance
NO
VNO = VCC or GND,
ON
CNO(ON)
See Figure 21
25°C
2.5 V
78
pF
Switch ON,
capacitance
COM
VCOM = VCC or GND,
ON
CCOM(ON)
See Figure 21
25°C
2.5 V
78
pF
Switch ON,
capacitance
Digital input
CI
VI = VCC or GND,
See Figure 21
25°C
2.5 V
3
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 24
25°C
2.5 V
73
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25°C
2.5 V
–64
dB
f = 1 MHz,
See Figure 25
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25°C
2.5 V
–64
dB
f = 1 MHz,
See Figure 26
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25°C
2.5 V
0.03%
distortion
CL = 50 pF,
See Figure 28
SUPPLY
25°C
1
10
Positive supply
ICC
VI = VCC or GND,
Switch ON or OFF
2.7 V
nA
current
Full
250
10
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TS5A3359


Similar Part No. - TS5A3359_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3359 TI1-TS5A3359_14 Datasheet
1Mb / 29P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI1-TS5A3359_16 Datasheet
1Mb / 34P
[Old version datasheet]   SP3T Bidirectional Analog Switch
More results

Similar Description - TS5A3359_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3359 TI1-TS5A3359_14 Datasheet
1Mb / 29P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_08 Datasheet
901Kb / 26P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_15 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI-TS5A3357-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI1-TS5A3357-Q1 Datasheet
937Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com