Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A4597DBVRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TS5A4597DBVRG4
Description  SINGLE-CHANNEL 8 SPST ANALOG SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A4597DBVRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS5A4597DBVRG4 Datasheet HTML 2Page - Texas Instruments TS5A4597DBVRG4 Datasheet HTML 3Page - Texas Instruments TS5A4597DBVRG4 Datasheet HTML 4Page - Texas Instruments TS5A4597DBVRG4 Datasheet HTML 5Page - Texas Instruments TS5A4597DBVRG4 Datasheet HTML 6Page - Texas Instruments TS5A4597DBVRG4 Datasheet HTML 7Page - Texas Instruments TS5A4597DBVRG4 Datasheet HTML 8Page - Texas Instruments TS5A4597DBVRG4 Datasheet HTML 9Page - Texas Instruments TS5A4597DBVRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TS5A4597
SINGLECHANNEL 8 W SPST ANALOG SWITCH
SCDS182 − FEBRUARY 2005
www.ti.com
6
Electrical Characteristics for 3-V Supply(1) (continued)
V+ = 2.7 V to 3.6 V, TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
Turn-on time
tON
VCOM = 2 V,
CL = 35 pF,
25
°C
3 V
20
30
ns
Turn-on time
tON
VCOM = 2 V,
RL = 300 Ω,
CL = 35 pF,
See Figure 17
Full
2.7 V to 3.6 V
35
ns
Turn-off time
tOFF
VCOM = 2 V,
CL = 35 pF,
25
°C
3 V
15
25
ns
Turn-off time
tOFF
VCOM = 2 V,
RL = 300 Ω,
CL = 35 pF,
See Figure 17
Full
2.7 V to 3.6 V
30
ns
Charge injection
QC
VNC = 0,
CL = 1 nF,
See Figure 20
25
°C
3 V
1
4
pC
NC
OFF capacitance
CNC(OFF) VNC = V+ or GND,
Switch OFF,
See Figure 16
25
°C
3 V
6.5
pF
COM
OFF capacitance
CCOM(OFF) VCOM = V+ or GND,
Switch OFF,
See Figure 16
25
°C
3 V
6.5
pF
NC
ON capacitance
CNC(ON)
VNC = V+ or GND,
Switch ON,
See Figure 16
25
°C
3 V
13
pF
COM
ON capacitance
CCOM(ON) VCOM = V+ or GND,
Switch ON,
See Figure 16
25
°C
3 V
13
pF
Digital input
capacitance
CI
VI = V+ or GND,
See Figure 16
25
°C
3 V
3
pF
Bandwidth
BW
RL = 50 Ω,
Signal = 0 dBm,
Switch ON,
See Figure 18
25
°C
3 V
450
MHz
OFF isolation
OISO
VNC = 1 VRMS,
f = 1 MHz, CL = 5 pF,
Switch OFF,
See Figure 19
25
°C
3 V
−85
dB
Total harmonic
distortion
THD
RL = 600 Ω, CL = 50 pF,
VSOURCE = 3 Vp-p,
f = 20 Hz to 20 kHz,
See Figure 21
25
°C
3 V
0.09
%
Supply
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
25
°C
3.6 V
0.01
0.25
A
Positive supply
current
I+
VI = V+ or GND,
Switch ON or OFF
Full
3.6 V
0.5
µA
(1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum


Similar Part No. - TS5A4597DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A4597DBVR TI-TS5A4597DBVR Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
More results

Similar Description - TS5A4597DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594_15 Datasheet
869Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594_08 Datasheet
456Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8-R SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS5A4595 TI1-TS5A4595_14 Datasheet
700Kb / 18P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE- CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_15 Datasheet
684Kb / 17P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_1 Datasheet
152Kb / 13P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596_15 Datasheet
871Kb / 21P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com