Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHT4012-QDG Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHT4012-QDG
Description  DC-6GHz 6-BIT DIGITAL ATTENUATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHT4012-QDG Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHT4012-QDG Datasheet HTML 1Page - United Monolithic Semiconductors CHT4012-QDG Datasheet HTML 2Page - United Monolithic Semiconductors CHT4012-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHT4012-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHT4012-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHT4012-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHT4012-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHT4012-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHT4012-QDG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CHT4012-QDG
DC-6GHz 6-BIT DIGITAL ATTENUATOR
Ref. : DSCHT4012-QDG1138 - 18 May 11
4/12
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical Board Measurements
Tamb.= +25°C, V+ = +5V, V- = -5V
Insertion Loss (Attenuator state 0)
Input Return Loss
All States
Output Return Loss
All States


Similar Part No. - CHT4012-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4012-QDG UMS-CHT4012-QDG Datasheet
568Kb / 12P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
More results

Similar Description - CHT4012-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4012A98F UMS-CHT4012A98F Datasheet
903Kb / 14P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
CHT4012-98F UMS-CHT4012-98F_15 Datasheet
872Kb / 14P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
CHT4012-98F UMS-CHT4012-98F Datasheet
861Kb / 14P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
CHT4012-QDG UMS-CHT4012-QDG Datasheet
568Kb / 12P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
logo
Qorvo, Inc
CMD325 QORVO-CMD325 Datasheet
437Kb / 12P
   DC-30 GHz 6-bit Digital Attenuator
logo
Renesas Technology Corp
F1958 RENESAS-F1958 Datasheet
18Mb / 27P
   7-Bit 0.25dB Digital Step Attenuator 1MHz to 6GHz
logo
Integrated Device Techn...
IDTF1953 IDT-IDTF1953 Datasheet
1Mb / 17P
   6-bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
   6 Bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
   6 Bit Digital Step Attenuator
logo
Honeywell Solid State E...
HRF-AT4611 HONEYWELL-HRF-AT4611 Datasheet
120Kb / 8P
   31.5 dB, DC-4GHz, 6 Bit Serial Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com