Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHT4012-QDG Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHT4012-QDG
Description  DC-6GHz 6-BIT DIGITAL ATTENUATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHT4012-QDG Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHT4012-QDG Datasheet HTML 1Page - United Monolithic Semiconductors CHT4012-QDG Datasheet HTML 2Page - United Monolithic Semiconductors CHT4012-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHT4012-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHT4012-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHT4012-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHT4012-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHT4012-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHT4012-QDG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CHT4012-QDG
RoHS COMPLIANT
Ref. : DSCHT4012-QDG1138 - 18 May 11
1/12
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - BP46 - 91401 Orsay Cedex France
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
DC-6GHz 6-BIT DIGITAL ATTENUATOR
GaAs Monolithic Microwave IC in SMD leadless package
Description
The CHT4012-QDG is a DC-6GHz monolithic
6-bit digital attenuator with a LSB = 0.5dB
offering a high dynamic range and a high
accuracy,
the
RMS
amplitude
error
is
typically as low as 0.3dB. The circuit provides
low insertion loss 2.5dB associated to input
and output return losses better than 13dB. A
CMOS and TTL compatible interface is
available on chip.
It
is
designed
for
a
wide
range
of
applications, from military to commercial
communication systems.
The circuit is manufactured with a pHEMT
process, 0.25µm gate length, via holes
through
the
substrate,
air
bridges
and
electron beam gate lithography.
It is supplied in RoHS compliant SMD
package.
Main Features
■ Broadband performances: DC-6GHz
■ Insertion Loss (state 0): 2.5dB
■ RMS attenuation error: 0.3dB
■ RMS phase variation: 1deg
■ DC bias: V+=5V and V-=-5V
■ No decoupling capacitance on Input and
Output RF accesses
■ 24L-QFN4x4
■ MSL1
Main Characteristics
Tamb.= +25°C
Symbol
Parameter
Min
Typ
Max
Unit
Freq
Frequency range
DC
6
GHz
IL
Insertion Loss
2.5
dB
Rms_att_err
RMS of attenuation error
0.3
dB
Rms_phivar
RMS of phase variation (0.5 to 6GHz)
1
°
1
3
4
2
6
5
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
RFin
RFout
GND
-V
+V
A2
A3
A4
A5
A6
A1
A2
A3
A4
A5
A6
Control interface
A1
GND
GND
1
3
4
2
6
5
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
RFin
RFout
GND
-V
+V
A2
A3
A4
A5
A6
A1
A2
A3
A4
A5
A6
Control interface
A1
A2
A3
A4
A5
A6
Control interface
A1
GND
GND
GND
GND
GND
GND
GND
GND
GND
1
3
4
2
6
5
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
RFin
RFout
GND
-V
+V
A2
A3
A4
A5
A6
A1
A2
A3
A4
A5
A6
Control interface
A1
A2
A3
A4
A5
A6
Control interface
A1
GND
GND
1
3
4
2
6
5
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
RFin
RFout
GND
-V
+V
A2
A3
A4
A5
A6
A1
A2
A3
A4
A5
A6
Control interface
A1
A2
A3
A4
A5
A6
Control interface
A1
GND
GND
GND
GND
GND
GND
GND
GND
GND
UMS
T4012
YYWW
Frequency :
0.5GHz-6GHz


Similar Part No. - CHT4012-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4012-QDG UMS-CHT4012-QDG Datasheet
568Kb / 12P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
More results

Similar Description - CHT4012-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4012A98F UMS-CHT4012A98F Datasheet
903Kb / 14P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
CHT4012-98F UMS-CHT4012-98F_15 Datasheet
872Kb / 14P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
CHT4012-98F UMS-CHT4012-98F Datasheet
861Kb / 14P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
CHT4012-QDG UMS-CHT4012-QDG Datasheet
568Kb / 12P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
logo
Qorvo, Inc
CMD325 QORVO-CMD325 Datasheet
437Kb / 12P
   DC-30 GHz 6-bit Digital Attenuator
logo
Renesas Technology Corp
F1958 RENESAS-F1958 Datasheet
18Mb / 27P
   7-Bit 0.25dB Digital Step Attenuator 1MHz to 6GHz
logo
Integrated Device Techn...
IDTF1953 IDT-IDTF1953 Datasheet
1Mb / 17P
   6-bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
   6 Bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
   6 Bit Digital Step Attenuator
logo
Honeywell Solid State E...
HRF-AT4611 HONEYWELL-HRF-AT4611 Datasheet
120Kb / 8P
   31.5 dB, DC-4GHz, 6 Bit Serial Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com