Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5822SM Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 5822SM
Description  3 Amp Schottky Rectifier 20 - 40 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

5822SM Datasheet(HTML) 1 Page - Micro Commercial Components

  5822SM Datasheet HTML 1Page - Micro Commercial Components 5822SM Datasheet HTML 2Page - Micro Commercial Components 5822SM Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5820SM
THRU
5822SM
3 Amp Schottky
Rectifier
20 - 40 Volts
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance; 28
°C/W Junction To Ambient
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
5820SM
---
20V
14V
20V
5821SM
---
30V
21V
30V
5822SM
---
40V
28V
40V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3.0A
TA = 85
°C
Peak Forward Surge
Current
IFSM
80A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
5820SM
5821SM
5822SM
VF
.475V
.500V
.525V
IFM = 3.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
2.0mA
20mA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
          

www.mccsemi.com
 


 !"#
$%    !"#
MCC
Features
For Surface Mount Applications
Extremely Low Thermal Resistance
Easy Pick And Place
High Temp Soldering: 250
°C for 10 Seconds At Terminals\
High Current Capability With Low Forward Voltage
Maximum Ratings
0.060”
0.185
0.121”
SUGGESTED SOLDER
PAD LAYOUT
A
B
D
C
E
F
G
H
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.260
.280
6.60
7.11
B
.220
.245
5.59
6.22
C
.006
.012
0.15
0.31
D
..030
.060
0.76
1..52
E
.305
.320
7.75
8.13
F
.079
.103
2.00
2.62
G
.108
.128
2.75
3.25
H
.002
.008
0.050
0.203
DO-214AB
(SMCJ)(LEAD FRAME)


Similar Part No. - 5822SM

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
5822SM MICROSEMI-5822SM Datasheet
103Kb / 2P
   3 Amp Schottky Rectifier
5822SMG MICROSEMI-5822SMG Datasheet
103Kb / 2P
   3 Amp Schottky Rectifier
5822SMJ MICROSEMI-5822SMJ Datasheet
103Kb / 2P
   3 Amp Schottky Rectifier
More results

Similar Description - 5822SM

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SR302 MCC-SR302 Datasheet
430Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
1N5822-TP MCC-1N5822-TP Datasheet
489Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
DONGGUAN YOU FENG WEI E...
1N5820 YFWDIODE-1N5820 Datasheet
119Kb / 3P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
Micro Commercial Compon...
1N5820 MCC-1N5820_13 Datasheet
493Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
DONGGUAN YOU FENG WEI E...
1N5820-DO27 YFWDIODE-1N5820-DO27 Datasheet
457Kb / 3P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
Micro Commercial Compon...
1N5820 MCC-1N5820_11 Datasheet
483Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
1N5820 MCC-1N5820 Datasheet
46Kb / 3P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
Solid States Devices, I...
SSR2040-59 SSDI-SSR2040-59 Datasheet
197Kb / 2P
   20 AMP 40 VOLTS SCHOTTKY RECTIFIER
SPD5817SM SSDI-SPD5817SM Datasheet
152Kb / 2P
   1 AMP 20 - 40 VOLTS SCHOTTKY RECTIFIER
SPD2520 SSDI-SPD2520 Datasheet
167Kb / 2P
   0.5 AMP 20-40 VOLTS SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com