Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N975 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 1N975
Description  0.5W Silicon Planar Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N975 Datasheet(HTML) 2 Page - Micro Commercial Components

  1N975 Datasheet HTML 1Page - Micro Commercial Components 1N975 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZENER
VOLTAGE
3)
@TEST
CURRENT
MAXIMUM ZENER
IMPEDANCE
1)
MAXIMUM REVERSE
LEAKAGE CURRENT
TEST-VOLTAGE
MAXIMUM
ZENER
CURRENT
VZ
IZT
ZZT
ZZK
IZK
IR
2)
Suffix A
Suffix B
IZM
2)
TYPICAL
TEMP.
COEFFICIENT
MCC
PART
NUMBER
V
mA
mA
A
V
V
mA
%/
:
1N957
6.8
18.5
4.5
700
1.0
150
4.9
5.2
47
0.050
1N958
7.5
16.5
5.5
700
0.5
75
5.4
5.7
42
0.058
1N959
8.2
15
5.5
700
0.5
50
5.9
6.2
38
0.062
1N960
9.1
14
5.5
700
0.5
10
6.6
6.9
35
0.068
1N961
10
12.5
5.5
700
0.25
5
7.2
7.6
32
0.075
1N962
11
11.5
5
700
0.25
5
8.0
8.4
28
0.076
1N963
12
10.5
11.5
700
0.25
5
8.6
9.1
26
0.077
1N964
13
9.5
13
700
0.25
5
9.4
9.9
24
0.079
1N965
15
8.5
16
700
0.25
5
10.8
11.4
21
0.082
1N966
16
7.8
17
700
0.25
5
11.5
12.2
19
0.083
1N967
18
7.0
21
750
0.25
5
13.0
13.7
17
0.085
1N968
20
6.2
25
750
0.25
5
14.4
15.2
15
0.086
1N969
22
5.6
29
750
0.25
5
15.8
16.7
14
0.087
1N970
24
5.2
33
750
0.25
5
17.3
18.2
14
0.088
1N971
27
4.6
41
750
0.25
5
19.4
20.6
11
0.090
1N972
30
4.2
49
1000
0.25
5
21.6
22.8
10
0.091
1N973
33
3.8
58
1000
0.25
5
23.8
25.1
9.0
0.092
1N974
36
3.4
70
1000
0.25
5
25.9
27.4
8.5
0.093
1N975
39
3.2
80
1000
0.25
5
28.1
29.7
7.8
0.094
1N976
43
3.0
93
1500
0.25
5
31.0
32.7
7.0
0.095
1N977
47
2.7
105
1500
0.25
5
33.8
35.8
6.4
0.095
1N978
51
2.5
125
1500
0.25
5
36.7
38.8
5.9
0.096
Note:
1)
The Zener impedance is derived from the 1kHz AC voltage which results when an AC current having an RMS
value equal to 10% of the Zener current (IZT) is superimposed on IZT Zener impedance is measured at two points
to insure a sharp knee on the breakdown curve and to eliminate unstable units.
2)
Valid provided that leads are kept at ambient temperature at a distance of 8mm from case.
3)
Measured with device junction in thermal equilibrium.
www.mccsemi.com
MCC
1N957 thru 1N978


Similar Part No. - 1N975

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N975 SEMTECH-1N975 Datasheet
172Kb / 3P
   SILICON PLANAR ZENER DIODES?
logo
Shanghai Lunsure Electr...
1N975 CHENYI-1N975 Datasheet
46Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
GOOD-ARK Electronics
1N975 GOOD-ARK-1N975 Datasheet
34Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Microsemi Corporation
1N975 MICROSEMI-1N975 Datasheet
135Kb / 2P
   METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION
1N975 MICROSEMI-1N975 Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
More results

Similar Description - 1N975

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZX55-B2V0 JINGHENG-BZX55-B2V0 Datasheet
128Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com