Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHT4694-QAG Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHT4694-QAG
Description  25- 40GHz ATTENUATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHT4694-QAG Datasheet(HTML) 6 Page - United Monolithic Semiconductors

Back Button CHT4694-QAG Datasheet HTML 2Page - United Monolithic Semiconductors CHT4694-QAG Datasheet HTML 3Page - United Monolithic Semiconductors CHT4694-QAG Datasheet HTML 4Page - United Monolithic Semiconductors CHT4694-QAG Datasheet HTML 5Page - United Monolithic Semiconductors CHT4694-QAG Datasheet HTML 6Page - United Monolithic Semiconductors CHT4694-QAG Datasheet HTML 7Page - United Monolithic Semiconductors CHT4694-QAG Datasheet HTML 8Page - United Monolithic Semiconductors CHT4694-QAG Datasheet HTML 9Page - United Monolithic Semiconductors CHT4694-QAG Datasheet HTML 10Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CHT4694-QAG
25-40GHz Attenuator
Ref. : DSCHT4694QAG0211 - 30 Jul 2010
6/14
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Input Return loss versus frequency in total attenuation range
Output Return loss versus frequency in total attenuation range


Similar Part No. - CHT4694-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4694-99F UMS-CHT4694-99F Datasheet
577Kb / 14P
   25-45 GHz Attenuator
CHT4694-99F UMS-CHT4694-99F_15 Datasheet
577Kb / 14P
   25-45 GHz Attenuator
More results

Similar Description - CHT4694-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT3091A UMS-CHT3091A Datasheet
84Kb / 4P
   DC-40GHz ATTENUATOR
CHT3091A UMS-CHT3091A_06 Datasheet
669Kb / 8P
   DC-40GHz ATTENUATOR
CHA3091A UMS-CHA3091A Datasheet
669Kb / 8P
   DC-40GHz ATTENUATOR
CHT3091A UMS-CHT3091A_15 Datasheet
191Kb / 8P
   DC-40GHz ATTENUATOR
CHT3091RCF UMS-CHT3091RCF Datasheet
71Kb / 3P
   DC-40GHz Attenuator
logo
Analog Devices
ADRF5720 AD-ADRF5720 Datasheet
651Kb / 19P
   Silicon Digital Attenuator, 9kHz to 40GHz
logo
United Monolithic Semic...
CHT4694-99F UMS-CHT4694-99F_15 Datasheet
577Kb / 14P
   25-45 GHz Attenuator
logo
Vishay Barry
AA2500-150-5X BARRY-AA2500-150-5X Datasheet
143Kb / 1P
   Aluminum Nitride 25 dB FLANGED ATTENUATOR
Revision Date 04/15/10
logo
United Monolithic Semic...
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHA6194-QXG UMS-CHA6194-QXG Datasheet
646Kb / 16P
   37- 40GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com