Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHU2299-99F Datasheet(PDF) 10 Page - United Monolithic Semiconductors

Part # CHU2299-99F
Description  40-44GHz Up converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHU2299-99F Datasheet(HTML) 10 Page - United Monolithic Semiconductors

Back Button CHU2299-99F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHU2299-99F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHU2299-99F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHU2299-99F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHU2299-99F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHU2299-99F_15 Datasheet HTML 9Page - United Monolithic Semiconductors CHU2299-99F_15 Datasheet HTML 10Page - United Monolithic Semiconductors CHU2299-99F_15 Datasheet HTML 11Page - United Monolithic Semiconductors CHU2299-99F_15 Datasheet HTML 12Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CHU2299-99F
40-44GHz Up converter
Ref. : DSCHU22992019 - 19 Jan 12
10/12
Specifications subject to change without notice
Bat. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
DC Schematic
LO multiplier and buffers: 4V, 105mA
DX
150
LO
20
GX
2 k
X2 multiplier
LO amplifier
30 mA
20
200
50
200
70
X2 multiplier
200
40
G3
4LO amplifier
15 mA
30 mA
30 mA
11.3
112
11.3
DX
150
LO
20
GX
2 k
X2 multiplier
LO amplifier
30 mA
20
200
50
200
70
X2 multiplier
200
40
G3
4LO amplifier
15 mA
30 mA
30 mA
11.3
112
11.3
GM
500
500
IF
I
IF
Q
Mixer
500
GM
500
500
IF
I
IF
Q
Mixer
500
DX
150
LO
20
GX
2 k
X2 multiplier
LO amplifier
30 mA
20
200
50
200
70
X2 multiplier
200
40
G3
4LO amplifier
15 mA
30 mA
30 mA
11.3
112
11.3
DX
150
LO
20
GX
2 k
X2 multiplier
LO amplifier
30 mA
20
200
50
200
70
X2 multiplier
200
40
G3
4LO amplifier
15 mA
30 mA
30 mA
11.3
112
11.3
GM
500
500
IF
I
IF
Q
Mixer
500
GM
500
500
IF
I
IF
Q
Mixer
500
RF amplifier: 4V, 150mA
35 mA
DA
115
11.5
55 mA
115
6.8
60 mA
65
4.5
1.7
3
GA
RF
35 mA
DA
115
11.5
55 mA
115
6.8
60 mA
65
4.5
1.7
3
GA
RF


Similar Part No. - CHU2299-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHU2277 UMS-CHU2277 Datasheet
159Kb / 7P
   W-band Multifunction : Multiplier / MPA
CHU2277 UMS-CHU2277 Datasheet
229Kb / 6P
   W-band Multifunction Multiplier / MPA
CHU2277-99F/00 UMS-CHU2277-99F/00 Datasheet
159Kb / 7P
   W-band Multifunction : Multiplier / MPA
CHU2277A UMS-CHU2277A Datasheet
196Kb / 8P
   W-band Multifunction : Multiplier / MPA
CHU2277A98F UMS-CHU2277A98F Datasheet
549Kb / 12P
   W-band Multifunction: Multiplier / MPA
More results

Similar Description - CHU2299-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2299-99F UMS-CHR2299-99F_15 Datasheet
409Kb / 12P
   40-44GHz Down converter
CHR2299-99F UMS-CHR2299-99F Datasheet
398Kb / 12P
   40-44GHz Down converter
CHR2297 UMS-CHR2297_10 Datasheet
116Kb / 6P
   36-44GHz Multifunction Down-Converter
CHR2297 UMS-CHR2297 Datasheet
315Kb / 6P
   36-44GHz Multifunction (MFC) Down-Converter
CHE1270A98F UMS-CHE1270A98F_15 Datasheet
128Kb / 8P
   5-44GHz Detector
CHE1270-QAG UMS-CHE1270-QAG_15 Datasheet
326Kb / 12P
   5-44GHz Detector
CHE1270A98F UMS-CHE1270A98F Datasheet
209Kb / 8P
   5-44GHz Detector
CHE1270-QAG UMS-CHE1270-QAG_10 Datasheet
314Kb / 12P
   5-44GHz Detector
CHA2194 UMS-CHA2194_15 Datasheet
224Kb / 10P
   36-44GHz Low Noise Amplifier
CHT4699-QDG UMS-CHT4699-QDG_15 Datasheet
487Kb / 12P
   36-44GHz Variable Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com