Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHU3377 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHU3377
Description  W-band Multifunction: Multiplier / MPA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHU3377 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHU3377_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHU3377_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHU3377_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHU3377_15 Datasheet HTML 4Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CHU3377
RoHS COMPLIANT
Ref.: DSCHU33777082 - 23 Mar 07
1/4
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
W-band Multifunction: Multiplier / MPA
GaAs Monolithic Microwave IC
Description
The
CHU3377
is
a
W-band
monolithic
multifunction, which integrates an input buffer, a
frequency multiplier by three followed by an
amplifier splitter and two W-band chains in
parallel combined at the output. Each W-band
chain includes a frequency multiplier and a
medium
power
amplifier.
The
frequency
multipliers are based on active transistors and
allow operation at low input level with reduced
power consumption.
All the active devices are internally self-biased
to
ease
bias
configuration.
This
chip
is
compatible
with
automatic
equipment
for
assembly.
The circuit is manufactured with the pHEMT
process: 0.15µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is available in chip form.
Main Features
-40°C to +125°C temperature range
Low temperature dependence
Low AM noise
High output power
Wide operating frequency range
Low input power
On-chip self biasing
Very simple bias configuration
Low DC power consumption
Automatic assembly oriented
BCB layer protection
Chip size: 3.86 x 1.62 x 0.1mm
x3
x2
x2
-V
+V
OUT
IN
Tx / PH15
12.75GHz
76. 5GHz
x3
x3
x2
x2
x2
x2
-V
+V
OUT
IN
Tx / PH15
12.75GHz
76. 5GHz
W-band multifunction block-diagram
0
2
4
6
8
10
12
14
16
18
20
75,0
75,5
76,0
76,5
77,0
77,5
78,0
F_out (GHz)
Typical P_out (F_out) measurement
0
2
4
6
8
10
12
14
16
18
20
-40
-25
-10
+5
+20
+35
+50
+65
+80
+95 +110 +125
Top (°C)
Typical P_out (Top) measurement
Main Characteristics
Tamb = +25°C
Symbol
Parameter
Min
Typ
Max
Unit
F_in
Input frequency
12.67
12.83
GHz
P_in
Input power
0
8
dBm
F_out
Output frequency
76
77
GHz
P_out
Output power
15
dBm


Similar Part No. - CHU3377_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHU3377 UMS-CHU3377 Datasheet
183Kb / 6P
   W-band Multifunction: Multiplier / MPA
More results

Similar Description - CHU3377_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHU2277A98F UMS-CHU2277A98F_15 Datasheet
549Kb / 12P
   W-band Multifunction: Multiplier / MPA
CHU2277 UMS-CHU2277_15 Datasheet
229Kb / 6P
   W-band Multifunction Multiplier / MPA
CHU2277 UMS-CHU2277 Datasheet
159Kb / 7P
   W-band Multifunction : Multiplier / MPA
CHU2277A UMS-CHU2277A Datasheet
196Kb / 8P
   W-band Multifunction : Multiplier / MPA
CHU3377 UMS-CHU3377 Datasheet
183Kb / 6P
   W-band Multifunction: Multiplier / MPA
CHU3277 UMS-CHU3277 Datasheet
139Kb / 7P
   W-band Multi-function: Multiplier / MPA
CHV2240 UMS-CHV2240 Datasheet
352Kb / 8P
   Multifunction : K-band VCO and Q-band Multiplier
CHV2240 UMS-CHV2240_15 Datasheet
373Kb / 8P
   Multifunction K-band VCO and Q-band Multiplier
logo
TriQuint Semiconductor
TGA4040 TRIQUINT-TGA4040 Datasheet
163Kb / 10P
   17 - 43GHz MPA/Multiplier
TGA4031-SM TRIQUINT-TGA4031-SM Datasheet
1Mb / 17P
   17 ??0 GHz MPA/Multiplier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com