Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHT4690-99F Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHT4690-99F
Description  5-30GHz ATTENUATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHT4690-99F Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHT4690-99F Datasheet HTML 1Page - United Monolithic Semiconductors CHT4690-99F Datasheet HTML 2Page - United Monolithic Semiconductors CHT4690-99F Datasheet HTML 3Page - United Monolithic Semiconductors CHT4690-99F Datasheet HTML 4Page - United Monolithic Semiconductors CHT4690-99F Datasheet HTML 5Page - United Monolithic Semiconductors CHT4690-99F Datasheet HTML 6Page - United Monolithic Semiconductors CHT4690-99F Datasheet HTML 7Page - United Monolithic Semiconductors CHT4690-99F Datasheet HTML 8Page - United Monolithic Semiconductors CHT4690-99F Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5-30GHz Attenuator
CHT4690-99F
Ref. : DSCHT46900211 - 30 Jul 10
5/12
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Results on wafer
Tamb = +25°C
Attenuation versus frequency
V1 = -5V to 0V & V2= -5V and after V1= 0V & V2 = -5V to 0V
Input Return loss versus frequency in total attenuation range


Similar Part No. - CHT4690-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4690-QAG UMS-CHT4690-QAG Datasheet
486Kb / 14P
   5-30GHz ATTENUATOR
CHT4690-QAG UMS-CHT4690-QAG Datasheet
314Kb / 14P
   5-30GHz ATTENUATOR
CHT4690-QAG UMS-CHT4690-QAG_15 Datasheet
314Kb / 14P
   5-30GHz ATTENUATOR
More results

Similar Description - CHT4690-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4690-QAG UMS-CHT4690-QAG Datasheet
486Kb / 14P
   5-30GHz ATTENUATOR
CHT4690-QAG UMS-CHT4690-QAG_15 Datasheet
314Kb / 14P
   5-30GHz ATTENUATOR
CHT4690 UMS-CHT4690 Datasheet
1Mb / 13P
   5-30GHz ATTENUATOR
logo
Vishay Barry
AV0904GA-0400JN-91 BARRY-AV0904GA-0400JN-91 Datasheet
174Kb / 2P
   .75W 4dB DC-30GHz Chip Attenuator
REV. NOV 8 2016
AV0904GA-0800JN-91 BARRY-AV0904GA-0800JN-91 Datasheet
173Kb / 2P
   .75W 8dB DC-30GHz Chip Attenuator
AV0904GA-0200JN-91 BARRY-AV0904GA-0200JN-91 Datasheet
180Kb / 2P
   .75W 2dB DC-30GHz Chip Attenuator
logo
DAICO Industries, Inc.
CAT52045 DAICO-CAT52045 Datasheet
162Kb / 1P
   Attenuator 5 Section
DA0620 DAICO-DA0620 Datasheet
160Kb / 1P
   Attenuator 5 Section
logo
United Monolithic Semic...
CHA2093 UMS-CHA2093_03 Datasheet
97Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2193 UMS-CHA2193_15 Datasheet
149Kb / 10P
   20-30GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com