Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHV2243A Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHV2243A
Description  Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHV2243A Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHV2243A Datasheet HTML 1Page - United Monolithic Semiconductors CHV2243A Datasheet HTML 2Page - United Monolithic Semiconductors CHV2243A Datasheet HTML 3Page - United Monolithic Semiconductors CHV2243A Datasheet HTML 4Page - United Monolithic Semiconductors CHV2243A Datasheet HTML 5Page - United Monolithic Semiconductors CHV2243A Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Q-band VCO
CHV2243a
Ref. : DSCHV2243a7310 - 06 Nov 07
5/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Assembly and Bias Configuration
1
2
3
4
5
6
7
8
9
10
11
15
12
13
14
L_aux
microstrip line
L_out
microstrip line
-V
+V
V_tune
DC and control lines
>= 120pF
>= 120pF
This drawing shows an example of assembly and bias configuration. All the transistors are
internally self biased. The positive and negative voltages can be respectively connected
together (see drawing) according to the recommended values given in the electrical
characteristics table.
For the RF pads the equivalent wire bonding inductance (diameter=25µm) has to be
according to the following recommendation.
Port
Equivalent
inductance (nH)
Approximated wire
length (mm)
RF_out (13)
L_out = 0.28
0.35
VCO_out_aux
(15)
L_aux = 0.4
0.5
For a micro-strip configuration a hole in the substrate is recommended for chip assembly.


Similar Part No. - CHV2243A

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV2243A UMS-CHV2243A Datasheet
173Kb / 6P
   Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
More results

Similar Description - CHV2243A

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV2243 UMS-CHV2243 Datasheet
99Kb / 6P
   Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2243A UMS-CHV2243A Datasheet
173Kb / 6P
   Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2242A UMS-CHV2242A Datasheet
812Kb / 8P
   Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2242C UMS-CHV2242C Datasheet
517Kb / 9P
   Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2240 UMS-CHV2240_15 Datasheet
373Kb / 8P
   Multifunction K-band VCO and Q-band Multiplier
CHV2240 UMS-CHV2240 Datasheet
352Kb / 8P
   Multifunction : K-band VCO and Q-band Multiplier
CHV2241 UMS-CHV2241 Datasheet
215Kb / 8P
   K-band Oscillator with integrated Q-band Harmonic Mixer
CHV2270 UMS-CHV2270_15 Datasheet
199Kb / 8P
   Fully Integrated Ku-band HBT VCO Low cost / High linearity
CHV2270 UMS-CHV2270 Datasheet
258Kb / 8P
   Fully Integrated Ku-band HBT VCO Low cost / High linearity
CHV3241-QDG UMS-CHV3241-QDG_15 Datasheet
835Kb / 14P
   Fully Integrated HBT K-band VCO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com