Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHV2270 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHV2270
Description  Fully Integrated Ku-band HBT VCO Low cost / High linearity
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHV2270 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHV2270_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHV2270_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHV2270_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHV2270_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHV2270_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHV2270_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHV2270_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHV2270_15 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Ku-band HBT VCO
CHV2270
Ref. : DSCHV22709030 -30 Jan 09
3/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Pres_Rej
RF_OUT prescaler spurious rejection
45
65
dBc
Pres_N
Prescaler rank
N=4 or 64
PresN_F
Prescaler
PRESN
ports
output
frequency
F_out/(2*Pres_N)
GHz
PresN_P
Output power on PRESN ports
-3
0
dBm
Pres_L
PRESN ports load
100
Pres64_PN
Prescaler rank 64 phase noise:
@ 10kHz
@ 100kHz
@ 1MHz
-117
-142
-165
-107
-130
-150
dBc/Hz
Vtemp_V
Temperature sensor port voltage
@ +25°C
1.15
1.35
1.55
V
Vtemp_S
Temperature sensor port voltage slope
over Top
-1.2
-1
-0.8
mV/°C
Vtemp_L
Temperature sensor port load
47k
+V
Positive supply voltage (Pads (VD1 xor
VD2) and (VA1 xor VA2))
+4.4
+4.5
+4.6
V
+I
Positive supply current (Pads (VD1 xor
VD2) and (VA1 xor VA2)) (2&5)
150
210
mA
Top
Operating temperature range
-40
25
+125
°C
Symbol
Parameter (1)
Min
Typ
Max
Unit
(1) IMPORTANT: Fine and medium tuning port must not be used together.
Fine or medium tuning port specifications are guaranteed when respectively medium or fine
tuning port is high impedance.
(2) In low power mode. See “VCO setting matrix” for 14dBm P_out (+I increase < 80mA in high
power mode).
(3) Pad “GLIN” set to “open”.
(4) Pad “GLIN” set to “GND”.
(5) SET4 set to “GND” and SET64 set to “OPEN” (+I increase < 20mA when N=64).


Similar Part No. - CHV2270_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV2270 UMS-CHV2270 Datasheet
258Kb / 8P
   Fully Integrated Ku-band HBT VCO Low cost / High linearity
More results

Similar Description - CHV2270_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV2270 UMS-CHV2270 Datasheet
258Kb / 8P
   Fully Integrated Ku-band HBT VCO Low cost / High linearity
CHV3241-QDG UMS-CHV3241-QDG_15 Datasheet
835Kb / 14P
   Fully Integrated HBT K-band VCO
CHV2411AQDG UMS-CHV2411AQDG Datasheet
1Mb / 10P
   Fully Integrated HBT K-band VCO
CHV2411AQDG UMS-CHV2411AQDG_15 Datasheet
1Mb / 12P
   Fully Integrated HBT K-band VCO
CHV2412-QDG UMS-CHV2412-QDG_15 Datasheet
1Mb / 11P
   Fully integrated HBT K-Band VCO
CHV3242-QDG UMS-CHV3242-QDG_15 Datasheet
818Kb / 14P
   Fully integrated HBT K-Band VCO
CHV2411A_0709 UMS-CHV2411A_0709 Datasheet
1Mb / 10P
   Fully Integrated HBT K-band VCO
CHV2243 UMS-CHV2243 Datasheet
99Kb / 6P
   Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2243A UMS-CHV2243A Datasheet
173Kb / 6P
   Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2243A UMS-CHV2243A_15 Datasheet
112Kb / 6P
   Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com