Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHX2090 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHX2090
Description  12-24GHz Frequency Multiplier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHX2090 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHX2090_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHX2090_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHX2090_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHX2090_15 Datasheet HTML 4Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CHX2090
RoHS COMPLIANT
Ref. : DSCHX20909028
1/4
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
12-24GHz Frequency Multiplier
GaAs Monolithic Microwave IC
Description
The CHX2090 is a cascadable by 2 frequency
multiplier monolithic circuit.
It is designed for a wide range of applications,
from
military to
commercial
communication
systems. The backside of the chip is both RF
and
DC
grounds.
This
helps
simplify the
assembly process.
The circuit is manufactured with a pHEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
Main Features
■ Broadband performances: 11-13GHz
■ 15dBm output power for +12dBm input power
■ DC bias: Vd=3.5Volt@Id=50mA
■ Chip size: 1.67 x 0.97 x 0.10mm
typical measurements
-16
-12
-8
-4
0
4
8
12
16
20
9
10
11
12
13
14
15
Input Frequency (GHz)
Pout (Fin)
Pout (2*Fin)
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fin
Input frequency range
11
13
GHz
Fout
Output frequency range
22
26
GHz
Pin
Input power
6
12
dBm
Pout
Output power for +12dBm input power
13
15
dBm
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !


Similar Part No. - CHX2090_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX2090-99F/00 UMS-CHX2090-99F/00 Datasheet
77Kb / 4P
   12-24GHz Frequency Multiplier
CHX2090-QDG UMS-CHX2090-QDG Datasheet
323Kb / 10P
   12-24GHz Frequency Multiplier
CHX2090-QDG UMS-CHX2090-QDG Datasheet
160Kb / 10P
   12-24GHz Frequency Multiplier
CHX2090-QDG UMS-CHX2090-QDG_15 Datasheet
160Kb / 10P
   12-24GHz Frequency Multiplier
CHX2090RBF UMS-CHX2090RBF Datasheet
151Kb / 6P
   12-24GHz Frequency Multiplier
More results

Similar Description - CHX2090_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX2090-QDG UMS-CHX2090-QDG Datasheet
323Kb / 10P
   12-24GHz Frequency Multiplier
CHX2090RBF UMS-CHX2090RBF Datasheet
151Kb / 6P
   12-24GHz Frequency Multiplier
CHX2090-QDG UMS-CHX2090-QDG_15 Datasheet
160Kb / 10P
   12-24GHz Frequency Multiplier
CHX2090 UMS-CHX2090 Datasheet
77Kb / 4P
   12-24GHz Frequency Multiplier
CHX1094 UMS-CHX1094_15 Datasheet
99Kb / 4P
   12-36GHz Frequency Multiplier
CHX1094 UMS-CHX1094 Datasheet
85Kb / 4P
   12-36GHz Frequency Multiplier
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
   Frequency Multiplier
FK-5 MINI-FK-5 Datasheet
168Kb / 1P
   Frequency Multiplier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com