Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHX2090-QDG Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHX2090-QDG
Description  12-24GHz Frequency Multiplier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHX2090-QDG Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHX2090-QDG_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHX2090-QDG_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHX2090-QDG_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHX2090-QDG_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHX2090-QDG_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHX2090-QDG_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHX2090-QDG_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHX2090-QDG_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHX2090-QDG_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
12-24GHz Frequency Multiplier
CHX2090-QDG
Ref. : DSCHX2090QDG0211 - 30 Jul 2010
5/10
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
CHX2090-QDG
Drain current versus Vg2, for Fin=12GHz, Pin=14dBm, Vd=3.5V and Vg1=-0.9V
40
45
50
55
60
65
70
75
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
Vg2 (Volt)


Similar Part No. - CHX2090-QDG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX2090-QDG UMS-CHX2090-QDG Datasheet
323Kb / 10P
   12-24GHz Frequency Multiplier
More results

Similar Description - CHX2090-QDG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX2090-QDG UMS-CHX2090-QDG Datasheet
323Kb / 10P
   12-24GHz Frequency Multiplier
CHX2090RBF UMS-CHX2090RBF Datasheet
151Kb / 6P
   12-24GHz Frequency Multiplier
CHX2090 UMS-CHX2090_15 Datasheet
88Kb / 4P
   12-24GHz Frequency Multiplier
CHX2090 UMS-CHX2090 Datasheet
77Kb / 4P
   12-24GHz Frequency Multiplier
CHX1094 UMS-CHX1094_15 Datasheet
99Kb / 4P
   12-36GHz Frequency Multiplier
CHX1094 UMS-CHX1094 Datasheet
85Kb / 4P
   12-36GHz Frequency Multiplier
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
   Frequency Multiplier
FK-5 MINI-FK-5 Datasheet
168Kb / 1P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com