Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHX2095 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHX2095
Description  7.5-30GHz Frequency Multiplier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHX2095 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHX2095 Datasheet HTML 1Page - United Monolithic Semiconductors CHX2095 Datasheet HTML 2Page - United Monolithic Semiconductors CHX2095 Datasheet HTML 3Page - United Monolithic Semiconductors CHX2095 Datasheet HTML 4Page - United Monolithic Semiconductors CHX2095 Datasheet HTML 5Page - United Monolithic Semiconductors CHX2095 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHX2095
RoHS COMPLIANT
Ref. : DSCHX20950036 - 05 Feb 10
1/6
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
7.5-30GHz Frequency Multiplier
GaAs Monolithic Microwave IC
Description
The CHX2095 is a frequency multiplier by 4
monolithic circuit.
It is designed for a wide range of applications,
from
military to
commercial
communication
systems. The backside of the chip is both RF
and DC grounded. This helps to simplify the
assembly process.
The circuit is manufactured with a pHEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
Main Features
■ Broadband performance: 6.25-8.25GHz
■ 11dBm output power for +12dBm input power
■ DC power consumption, 75mA @ 3.5V (RF)
■ Chip size: 2.02 x 1.17 x 0.10mm
Main Characteristics
Tamb = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fin
Input frequency range
6.25
8.25
GHz
Fout
Output frequency range
25
33
GHz
Pin
Input power
12
dBm
Pout 4xFin Output power for +12dBm input power
8
11
14
dBm
ESD Protection: Electrostatic discharge sensitive device. Observe handling precautions!


Similar Part No. - CHX2095

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX2095 UMS-CHX2095 Datasheet
146Kb / 6P
   7.5-30GHz Frequency Multiplier
CHX2095A99F UMS-CHX2095A99F Datasheet
351Kb / 8P
   7.5-30GHz Frequency Multiplier
More results

Similar Description - CHX2095

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
MUX-PO9824 UMS-MUX-PO9824 Datasheet
212Kb / 6P
   7.5-30GHz Frequency Multiplier
CHX2095A99F UMS-CHX2095A99F Datasheet
351Kb / 8P
   7.5-30GHz Frequency Multiplier
CHX2095 UMS-CHX2095 Datasheet
146Kb / 6P
   7.5-30GHz Frequency Multiplier
CHX2093A UMS-CHX2093A_07 Datasheet
323Kb / 6P
   10-30GHz Frequency Multiplier
CHX2093A UMS-CHX2093A Datasheet
76Kb / 5P
   10-30GHz Frequency Multiplier
CHX3068-QDG UMS-CHX3068-QDG_15 Datasheet
431Kb / 8P
   15-30GHz Frequency Multiplier
CHX3068-QDG UMS-CHX3068-QDG Datasheet
349Kb / 8P
   15-30GHz Frequency Multiplier
CHX2193 UMS-CHX2193_15 Datasheet
130Kb / 6P
   7.5-15GHz Frequency Multiplier
CHX2193 UMS-CHX2193 Datasheet
330Kb / 6P
   7.5-15GHz Frequency Multiplier
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com