Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHX2193 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHX2193
Description  7.5-15GHz Frequency Multiplier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHX2193 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHX2193_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHX2193_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHX2193_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHX2193_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHX2193_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHX2193_15 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHX2193
RoHS COMPLIANT
Ref. : DSCHX21930036 - 05 Feb 10
1/6
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
7.5-15GHz Frequency Multiplier
GaAs Monolithic Microwave IC
Description
The CHX2193 is a frequency multiplier by 2
monolithic circuit.
It is designed for a wide range of applications,
from
military to
commercial
communication
systems. The backside of the chip is both RF
and DC ground. This helps to simplify the
assembly process.
The circuit is manufactured with a pHEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
Main Features
■ Broadband performance: 6.25-8.25 GHz
■ 12dBm output power for +12dBm input power
■ DC power consumption, 60mA @ 3.5V (with
RF)
■ Chip size: 1.62 x 0.89 x 0.10 mm
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fin
Input frequency range
6.25
8.25
GHz
Fout
Output frequency range
12.5
16.5
GHz
Pin
Input power
12
dBm
Pout
Output power for +12dBm input power
10
12
16
dBm
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !


Similar Part No. - CHX2193_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX2193 UMS-CHX2193 Datasheet
330Kb / 6P
   7.5-15GHz Frequency Multiplier
More results

Similar Description - CHX2193_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX2193 UMS-CHX2193 Datasheet
330Kb / 6P
   7.5-15GHz Frequency Multiplier
CHX2095 UMS-CHX2095_15 Datasheet
146Kb / 6P
   7.5-30GHz Frequency Multiplier
CHX2095A99F UMS-CHX2095A99F Datasheet
351Kb / 8P
   7.5-30GHz Frequency Multiplier
CHX2095 UMS-CHX2095 Datasheet
146Kb / 6P
   7.5-30GHz Frequency Multiplier
MUX-PO9824 UMS-MUX-PO9824 Datasheet
212Kb / 6P
   7.5-30GHz Frequency Multiplier
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
   Frequency Multiplier
FK-5 MINI-FK-5 Datasheet
168Kb / 1P
   Frequency Multiplier
RMK-3-14 MINI-RMK-3-14 Datasheet
252Kb / 1P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com