Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UL497 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UL497
Description  HALL EFFECT PICKUP IGNITION CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL497 Datasheet(HTML) 3 Page - Unisonic Technologies

  UL497_15 Datasheet HTML 1Page - Unisonic Technologies UL497_15 Datasheet HTML 2Page - Unisonic Technologies UL497_15 Datasheet HTML 3Page - Unisonic Technologies UL497_15 Datasheet HTML 4Page - Unisonic Technologies UL497_15 Datasheet HTML 5Page - Unisonic Technologies UL497_15 Datasheet HTML 6Page - Unisonic Technologies UL497_15 Datasheet HTML 7Page - Unisonic Technologies UL497_15 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UL497
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R118-015.a
PIN DESCRIPTION (Cont.)
PIN NO.
PIN NAME
DESCRIPTION
11
DWELL CONTROL
The average voltage on the capacitor CW connected between this pin and
ground depends on the motor speed and the voltage supply. The comparison
between V CW and V CT voltage determines the timing for the dwell control.
12
BIAS CURRENT
The internal current which used to drive the external capacitors of the dwell
control(pin10 and11)permanent conduction protection (pin 9) and slow
recovery time (pin 8) can be set by a resistor(recommended 62KΩ)
connected between this pin and ground.
13
CURRENT SENSING
Connection for the Coil Current Limitation.
The current limitation value is given by :
Isens=0.32×(R10+R11)÷(RS×R11)
RS: sensing resistor
14
DRIVER EMITTER
OUTPUT
Current Driver for the External Darlington.
15
OVER VOLTAGE LIMIT
The internal divider R3/R2 defines the limitation value given by:
VOVP=(22.5/R3+5×10
-3)×R2+22.5
16
DRIVER COLLECTOR
INPUT
Through this pin The collector current of the internal driver which drives the
external limits darlington is supplied. Then the external resistor R6 the
maximum current supplied to the base of the external darlington.


Similar Part No. - UL497_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UL497G-S16-R UTC-UL497G-S16-R Datasheet
198Kb / 8P
   HALL EFFECT PICKUP IGNITION CONTROLLER
UL497G-S16-T UTC-UL497G-S16-T Datasheet
198Kb / 8P
   HALL EFFECT PICKUP IGNITION CONTROLLER
UL497L-S16-R UTC-UL497L-S16-R Datasheet
198Kb / 8P
   HALL EFFECT PICKUP IGNITION CONTROLLER
UL497L-S16-T UTC-UL497L-S16-T Datasheet
198Kb / 8P
   HALL EFFECT PICKUP IGNITION CONTROLLER
More results

Similar Description - UL497_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UL497 UTC-UL497 Datasheet
198Kb / 8P
   HALL EFFECT PICKUP IGNITION CONTROLLER
logo
STMicroelectronics
L497 STMICROELECTRONICS-L497 Datasheet
106Kb / 11P
   HALL EFFECT PICKUP IGNITION CONTROLLER
L482 STMICROELECTRONICS-L482 Datasheet
169Kb / 11P
   HALL.EFFECT PICKUP IGNITION CONTROLLER
L484 STMICROELECTRONICS-L484 Datasheet
442Kb / 11P
   MAGNETIC PICKUP IGNITION CONTROLLER
logo
Mallory performance clu...
PN2348 MALLORY-PN2348 Datasheet
97Kb / 2P
   MSD Hall-Effect Pickup
logo
Cherry Semiconductor Co...
CS290 CHERRY-CS290 Datasheet
110Kb / 4P
   Ignition Controller
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
AH284 DIODES-AH284_10 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 DIODES-AH285_10 Datasheet
105Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com