Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG310 Datasheet(PDF) 9 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG310
Description  NPN 14 GHz wideband transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG310 Datasheet(HTML) 9 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BFG310_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310_15 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9397 750 14244
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 2 February 2005
9 of 12
Philips Semiconductors
BFG310/XR
NPN 14 GHz wideband transistor
9.
Package outline
Fig 10. Package outline SOT143R (SC-61AA)
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
1.1
0.9
A1
max
0.1
b1
0.88
0.78
c
0.15
0.09
D
3.0
2.8
E
1.4
1.2
HE
y
w
v
Q
2.5
2.1
0.55
0.25
0.45
0.25
e
1.9
e1
1.7
Lp
0.1
0.1
0.2
bp
0.48
0.38
DIMENSIONS (mm are the original dimensions)
SOT143R
SC-61AA
99-09-13
04-11-16
0
1
2 mm
scale
Plastic surface mounted package; reverse pinning; 4 leads
SOT143R
D
HE
E
A
B
v M A
X
A
A1
Lp
Q
detail X
c
y
w M
e1
e
B
1
2
4
3
b1
bp


Similar Part No. - BFG310_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG310-XR NXP-BFG310-XR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG310W PHILIPS-BFG310W Datasheet
75Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
BFG310W NXP-BFG310W Datasheet
168Kb / 13P
   NPN 14 GHz wideband transistor
Rev. 2
BFG310W-XR NXP-BFG310W-XR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG310W/XR PHILIPS-BFG310W/XR Datasheet
75Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
More results

Similar Description - BFG310_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG325W JMNIC-BFG325W_15 Datasheet
93Kb / 12P
   NPN 14 GHz wideband transistor
logo
NXP Semiconductors
BFG310W NXP-BFG310W Datasheet
168Kb / 13P
   NPN 14 GHz wideband transistor
Rev. 2
logo
Quanzhou Jinmei Electro...
BFG310W_2015 JMNIC-BFG310W_2015 Datasheet
82Kb / 12P
   NPN 14 GHz wideband transistor
BFG325_2015 JMNIC-BFG325_2015 Datasheet
86Kb / 12P
   NPN 14 GHz wideband transistor
logo
NXP Semiconductors
BFG310W PHILIPS-BFG310W Datasheet
75Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
BFG310 PHILIPS-BFG310 Datasheet
73Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
BFG325W NXP-BFG325W Datasheet
178Kb / 13P
   NPN 14 GHz wideband transistor
Rev. 2
BFG325W PHILIPS-BFG325W Datasheet
85Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
BFG325 PHILIPS-BFG325 Datasheet
78Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
logo
Quanzhou Jinmei Electro...
BFG310_2015 JMNIC-BFG310_2015 Datasheet
81Kb / 12P
   NPN 14 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com