Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG310W Datasheet(PDF) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG310W
Description  NPN 14 GHz wideband transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG310W Datasheet(HTML) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BFG310W_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310W_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310W_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310W_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310W_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310W_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310W_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310W_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310W_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
9397 750 14245
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 2 February 2005
6 of 12
Philips Semiconductors
BFG310W/XR
NPN 14 GHz wideband transistor
VCE =3V; IC = 5 mA.
Fig 7.
Common emitter reverse transmission coefficient (s12); typical values
VCE =3V; IC = 5 mA; Zo =50 Ω.
Fig 8.
Common emitter output reflection coefficient (s22); typical values
001aac183
90
°
−90°
−45°
−135°
45
°
135
°
0
°
0
180
°
0.5
0.4
0.3
0.2
0.1
40 MHz
3 GHz
001aac184
90
°
−90°
5
0.5
0.2
+0.2
0
+2
+5
−5
−2
−0.2
+0.5
−0.5
+1
−1
2
1
10
0
0.2
0.6
0.4
0.8
1.0
1.0
−45°
−135°
45
°
135
°
180
°
0
°
3 GHz
40 MHz


Similar Part No. - BFG310W_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG310W-XR NXP-BFG310W-XR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG310W/XR PHILIPS-BFG310W/XR Datasheet
75Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
BFG310W/XR NXP-BFG310W/XR Datasheet
168Kb / 13P
   NPN 14 GHz wideband transistor
Rev. 2
logo
Quanzhou Jinmei Electro...
BFG310W_2015 JMNIC-BFG310W_2015 Datasheet
82Kb / 12P
   NPN 14 GHz wideband transistor
More results

Similar Description - BFG310W_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG325W JMNIC-BFG325W_15 Datasheet
93Kb / 12P
   NPN 14 GHz wideband transistor
logo
NXP Semiconductors
BFG310W NXP-BFG310W Datasheet
168Kb / 13P
   NPN 14 GHz wideband transistor
Rev. 2
logo
Quanzhou Jinmei Electro...
BFG310W_2015 JMNIC-BFG310W_2015 Datasheet
82Kb / 12P
   NPN 14 GHz wideband transistor
BFG325_2015 JMNIC-BFG325_2015 Datasheet
86Kb / 12P
   NPN 14 GHz wideband transistor
BFG310 JMNIC-BFG310_15 Datasheet
81Kb / 12P
   NPN 14 GHz wideband transistor
logo
NXP Semiconductors
BFG310W PHILIPS-BFG310W Datasheet
75Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
BFG310 PHILIPS-BFG310 Datasheet
73Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
BFG325W NXP-BFG325W Datasheet
178Kb / 13P
   NPN 14 GHz wideband transistor
Rev. 2
BFG325W PHILIPS-BFG325W Datasheet
85Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
BFG325 PHILIPS-BFG325 Datasheet
78Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
logo
Quanzhou Jinmei Electro...
BFG310_2015 JMNIC-BFG310_2015 Datasheet
81Kb / 12P
   NPN 14 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com