Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG403W Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG403W
Description  NPN 17 GHz wideband transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG403W Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFG403W_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG403W_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG403W_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG403W_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG403W_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG403W_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG403W_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG403W_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG403W_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Product specification
Supersedes data of 1997 Oct 29
File under Discrete Semiconductors, SC14
1998 Mar 11
DISCRETE SEMICONDUCTORS
BFG403W
NPN 17 GHz wideband transistor


Similar Part No. - BFG403W_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG403W PHILIPS-BFG403W_15 Datasheet
399Kb / 13P
   NPN 17 GHz wideband transistor
1998 Mar 11
More results

Similar Description - BFG403W_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG403W_2015 JMNIC-BFG403W_2015 Datasheet
92Kb / 12P
   NPN 17 GHz wideband transistor
logo
NXP Semiconductors
BFG403W PHILIPS-BFG403W_15 Datasheet
399Kb / 13P
   NPN 17 GHz wideband transistor
1998 Mar 11
BFG403W PHILIPS-BFG403W Datasheet
106Kb / 12P
   NPN 17 GHz wideband transistor
1998 Mar 11
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
   NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
BF689K PHILIPS-BF689K Datasheet
27Kb / 5P
   NPN 2 GHz wideband transistor
September 1995
BFQ18A PHILIPS-BFQ18A Datasheet
37Kb / 6P
   NPN 4 GHz wideband transistor
September 1995
BF763 PHILIPS-BF763 Datasheet
26Kb / 5P
   NPN 2 GHz wideband transistor
September 1995
BFG197 PHILIPS-BFG197 Datasheet
93Kb / 13P
   NPN 7 GHz wideband transistor
1995 Sep 13
BFG35 PHILIPS-BFG35 Datasheet
91Kb / 16P
   NPN 4 GHz wideband transistor
1999 Aug 24
BFQ270 PHILIPS-BFQ270 Datasheet
133Kb / 12P
   NPN 6 GHz wideband transistor
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com