Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC34SH84 Datasheet(PDF) 11 Page - Texas Instruments

Part # DAC34SH84
Description  DAC34SH84 Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC34SH84 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC34SH84_15 Datasheet HTML 7Page - Texas Instruments DAC34SH84_15 Datasheet HTML 8Page - Texas Instruments DAC34SH84_15 Datasheet HTML 9Page - Texas Instruments DAC34SH84_15 Datasheet HTML 10Page - Texas Instruments DAC34SH84_15 Datasheet HTML 11Page - Texas Instruments DAC34SH84_15 Datasheet HTML 12Page - Texas Instruments DAC34SH84_15 Datasheet HTML 13Page - Texas Instruments DAC34SH84_15 Datasheet HTML 14Page - Texas Instruments DAC34SH84_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
DAC34SH84
www.ti.com
SLAS808E – FEBRUARY 2012 – REVISED SEPTEMBER 2015
6.8 Timing Requirements – Digital Specifications
MIN
NOM
MAX
UNIT
CLOCK INPUT (DACCLKP/N)
Duty cycle
40%
60%
DACCLKP/N input frequency
1500
MHz
OUTPUT STROBE (OSTRP/N)
fOSTR = fDACCLK / (n x 8 x Interp) where n is any positive
fDACCLK /
fOSTR
Frequency
MHz
integer, fDACCLK is DACCLK frequency in MHz
(8 x interp)
Duty cycle
50%
DIGITAL INPUT TIMING SPECIFICATIONS
Timing LVDS inputs: DAB[15:0]P/N, DCD[15:0]P/N, ISTRP/N, SYNCP/N, PARITYCDP/N, double edge latching
Config36 Setting
datadly
clkdly
0
0
30
0
1
–10
0
2
–50
0
3
–90
Setup time,
0
4
–130
DAB[15:0]P/N,
DCD[15:0]P/N,
0
5
–170
ISTRP/N,
ISTRP/N and SYNCP/N reset latched
ts(DATA)
0
6
–210
SYNCP/N and
only on rising edge of DATACLKP/N
0
7
–250
ps
PARITYP/N, valid
to either edge of
1
0
50
DATACLKP/N
2
0
90
3
0
130
4
0
170
5
0
210
6
0
250
7
0
290
Config36 Setting
datadly
clkdly
0
0
200
0
1
240
0
2
280
0
3
320
Hold time,
0
4
360
DAB[15:0]P/N,
DCD[15:0]P/N,
0
5
400
ISTRP/N,
ISTRP/N and SYNCP/N reset latched
th(DATA)
0
6
440
ps
SYNCP/N and
only on rising edge of DATACLKP/N
0
7
480
PARITYP/N, valid
after either edge of
1
0
190
DATACLKP/N
2
0
150
3
0
110
4
0
70
5
0
30
6
0
–10
7
0
–50
t(ISTR_SYNC)
ISTRP/N and
fDATACLK is DATACLK frequency in MHz
1/2fDATACLK
ns
SYNCP/N pulse
width
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DAC34SH84


Similar Part No. - DAC34SH84_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC34SH84 TI1-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results

Similar Description - DAC34SH84_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com