Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38J82IAAV Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38J82IAAV
Description  DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC38J82IAAV Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC38J82IAAV Datasheet HTML 2Page - Texas Instruments DAC38J82IAAV Datasheet HTML 3Page - Texas Instruments DAC38J82IAAV Datasheet HTML 4Page - Texas Instruments DAC38J82IAAV Datasheet HTML 5Page - Texas Instruments DAC38J82IAAV Datasheet HTML 6Page - Texas Instruments DAC38J82IAAV Datasheet HTML 7Page - Texas Instruments DAC38J82IAAV Datasheet HTML 8Page - Texas Instruments DAC38J82IAAV Datasheet HTML 9Page - Texas Instruments DAC38J82IAAV Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 119 page
background image
DAC37J82, DAC38J82
SLASE16B – JANUARY 2014 – REVISED MAY 2014
www.ti.com
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NUMBER
Internal clock buffer supply voltage (0.9V). It is recommended to isolate this supply from
VDDCLK09
A8, B8
I
VDDDIG09.
D9, E9, F9, G9,
VDDDAC09
I
DAC core supply voltage. (0.9V). It is recommended to isolate this supply from VDDDIG09.
H9, J9
J7, J6, D5, J5,
Digital supply voltage. (0.9V). It is recommended to isolate this supply from VDDCLK09 and
VDDDIG09
D4, E4, F4, G4,
I
VDDDAC09.
H4, J4, D3
VDDIO18
K7, K6
I
Supply voltage for all digital I/O and CMOS I/O. (1.8V)
VDDR18
F2, G2
I
Supply voltage for SerDes (1.8V)
VDDS18
C7, C6
I
Supply voltage for LVDS SYNCBP/N (1.8V)
VDDT09
F3, G3
I
Supply voltage for SerDes termination (0.9V)
Fuse supply voltage. This supply pin is also used for factory fuse programming. Connect to
VQPS18
D7, D6
I
1.8V.
VSENSE
C4
I/O
Analog test pin for on chip parametric. It can be left open if not used.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDDDAC09, VDDDIG09
–0.3
1.3
V
VDDCLK09
–0.3
1.3
V
VDDT09
–0.3
1.3
V
Supply
voltage(2)
VDDR18, VDDIO18, VDDS18, VQPS18
–0.3
2.45
V
VDDAPLL18, VDDAREF18
–0.3
2.45
V
VDDADAC33
–0.3
4.0
V
RX[7..0]P/N
–0.5 V
VDDT09 + 0.5 V
V
SDENB, SCLK, SDIO, SDO, TXENA, ALARM, RESETB, SLEEP, TMS,
–0.5 V
VDDIO18 + 0.5 V
V
TCLK, TDI, TDO, TRSTB, TESTMODE, SYNC_N_AB, SYNC_N_CD
DACCLKP/N, SYSREFP/N
–0.5 V
VDDAPLL18 + 0.5 V
V
SYNCBP/N
–0.5 V
VDDS18 + 0.5 V
V
Pin voltage(2)
LPF
–0.5 V
VDDAPLL18 + 0.5 V
V
IOUTAP/N, IOUTBP/N, IOUTCP/N, IOUTDP/N
–0.5 V
1.0 V
V
RBIAS, EXTIO, ATEST
–0.5 V VDDAREF18 + 0.5 V
V
IFORCE, VSENSE
–0.5 V
VDDDIG09 + 0.5 V
V
AMUX1, AMUX0
–0.5 V
VDDT09 + 0.5 V
V
Peak input current (any input)
20
mA
Peak total input current (all inputs)
–30
mA
Absolute maximum junction temperature TJ
150
°C
Operating free-air temperature range, TA: DAC37J82/DAC38J82
–40
85
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to GND.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: DAC37J82 DAC38J82


Similar Part No. - DAC38J82IAAV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38J82IAAV TI1-DAC38J82IAAV Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
DAC38J82IAAVR TI1-DAC38J82IAAVR Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
More results

Similar Description - DAC38J82IAAV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38J82 TI-DAC38J82_15 Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC39J84 TI-DAC39J84_15 Datasheet
2Mb / 146P
[Old version datasheet]   DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
AD9691 AD-AD9691 Datasheet
1Mb / 72P
   14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC39RF10 TI-DAC39RF10 Datasheet
10Mb / 178P
[Old version datasheet]   DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MAY 2023
logo
Analog Devices
AD9778A AD-AD9778A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779A AD-AD9779A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779BSVZ AD-AD9779BSVZ Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9776A AD-AD9776A Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9207 AD-AD9207 Datasheet
252Kb / 5P
   12-Bit, 6 GSPS, JESD204B/C Dual Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com