Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38J82IAAV Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38J82IAAV
Description  DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC38J82IAAV Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC38J82IAAV Datasheet HTML 5Page - Texas Instruments DAC38J82IAAV Datasheet HTML 6Page - Texas Instruments DAC38J82IAAV Datasheet HTML 7Page - Texas Instruments DAC38J82IAAV Datasheet HTML 8Page - Texas Instruments DAC38J82IAAV Datasheet HTML 9Page - Texas Instruments DAC38J82IAAV Datasheet HTML 10Page - Texas Instruments DAC38J82IAAV Datasheet HTML 11Page - Texas Instruments DAC38J82IAAV Datasheet HTML 12Page - Texas Instruments DAC38J82IAAV Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 119 page
background image
DAC37J82, DAC38J82
www.ti.com
SLASE16B – JANUARY 2014 – REVISED MAY 2014
DC Electrical Characteristics (continued)
Typical values at TA = 25°C, full temperature range is TMIN = -40°C to TMAX = 85°C, nominal supplies, unless otherwise noted.
DAC37J82
DAC38J82
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
I(VDDADAC33)
Analog supply current
13
13
I(VDDDIG09)
Digital supply current
263
263
MODE 5:
I(VDDDAC09)
DAC supply current
8
8
fDAC=1.47456GSPS, x4,
NCO off, QMC off, invsinc off,
I(VDDCLK09)
Clock supply current
50
50
mA
GDC off, PAP off,
I(VDDT09)
SerDes core supply current
76
76
PLL off, LMF=222,
SerDes rate = 7.3728GSPS,
I(VDDR18)
SerDes analog supply current
12
12
DAC output in sleep mode.
I(VDD18)
Other 1.8V supply current
26
26
P
Power dissipation
469
469
mW
I(VDDADAC33)
Analog supply current
64
64
MODE 6:
I(VDDDIG09)
Digital supply current
257
257
fDAC=1000MSPS, 2x
I(VDDDAC09)
DAC supply current
8
8
interpolation,
I(VDDCLK09)
Clock supply current
36
36
mA
NCO off, QMC off, invsinc off,
GDC off, PAP off, PLL on,
I(VDDT09)
SerDes core supply current
85
85
LMF=222, SerDes rate =
I(VDDR18)
SerDes analog supply current
15
15
10GSPS,
I(VDD18)
Other 1.8V supply current
50
50
20mA FS output, IF=150MHz.
P
Power dissipation
676
676
mW
I(VDDADAC33)
Analog supply current
64
64
MODE 7:
I(VDDDIG09)
Digital supply current
256
256
fDAC=1000MSPS, 2x
I(VDDDAC09)
DAC supply current
8
8
interpolation,
I(VDDCLK09)
Clock supply current
35
35
mA
NCO off, QMC off invsinc off,
GDC off,
I(VDDT09)
SerDes core supply current
85
85
PAP off, PLL off, LMF=222,
I(VDDR18)
SerDes analog supply current
15
15
SerDes rate = 10GSPS,
I(VDD18)
Other 1.8V supply current
29
29
20mA FS output, IF=150MHz.
P
Power dissipation
636
636
mW
I(VDDADAC33)
Analog supply current
64
64
MODE 8:
I(VDDDIG09)
Digital supply current
195
195
fDAC=625MSPS, 2x
I(VDDDAC09)
DAC supply current
4
4
interpolation,
I(VDDCLK09)
Clock supply current
22
22
mA
NCO off, QMC off, invsinc off,
GDC off,
I(VDDT09)
SerDes core supply current
119
119
PAP off, PLL off, LMF=421,
I(VDDR18)
SerDes analog supply current
11
11
SerDes rate = 3.125GSPS,
I(VDD18)
Other 1.8V supply current
25
25
20mA FS output, IF=20MHz.
P
Power dissipation
582
582
mW
I(VDDADAC33)
Analog supply current
64
64
MODE 9:
I(VDDDIG09)
Digital supply current
311
311
fDAC=1.23GSPS, no
I(VDDDAC09)
DAC supply current
10
10
interpolation,
I(VDDCLK09)
Clock supply current
42
42
mA
NCO off, QMC off, invsinc off,
GDC off,
I(VDDT09)
SerDes core supply current
165
165
PAP off, PLL off, LMF=421,
I(VDDR18)
SerDes analog supply current
18
18
SerDes rate = 12.3GSPS,
I(VDD18)
Other 1.8V supply current
29
29
20mA FS output, IF=150MHz;
P
Power dissipation
771
771
mW
I(VDDADAC33)
Analog supply current
5
5
I(VDDDIG09)
Digital supply current
76
76
I(VDDDAC09)
DAC supply current
1
1
MODE 10:
I(VDDCLK09)
Clock supply current
1
1
mA
Power down mode, no clock,
DAC in sleep mode,
I(VDDT09)
SerDes core supply current
9
9
SerDes in sleep mode
I(VDDR18)
SerDes analog supply current
0
0
I(VDD18)
Other 1.8V supply current
10
10
P
Power dissipation
112
112
mW
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DAC37J82 DAC38J82


Similar Part No. - DAC38J82IAAV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38J82IAAV TI1-DAC38J82IAAV Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
DAC38J82IAAVR TI1-DAC38J82IAAVR Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
More results

Similar Description - DAC38J82IAAV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38J82 TI-DAC38J82_15 Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC39J84 TI-DAC39J84_15 Datasheet
2Mb / 146P
[Old version datasheet]   DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
AD9691 AD-AD9691 Datasheet
1Mb / 72P
   14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC39RF10 TI-DAC39RF10 Datasheet
10Mb / 178P
[Old version datasheet]   DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MAY 2023
logo
Analog Devices
AD9778A AD-AD9778A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779A AD-AD9779A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779BSVZ AD-AD9779BSVZ Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9776A AD-AD9776A Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9207 AD-AD9207 Datasheet
252Kb / 5P
   12-Bit, 6 GSPS, JESD204B/C Dual Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com