Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG480W Datasheet(PDF) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG480W
Description  NPN wideband transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG480W Datasheet(HTML) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BFG480W_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG480W_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG480W_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG480W_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG480W_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG480W_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG480W_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG480W_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG480W_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1998 Jul 09
6
Philips Semiconductors
Preliminary specification
NPN wideband transistor
BFG480W
VCE = 2 V; f = 2 GHz.
Fig.7
Gain as a function of collector current;
typical values.
0
4
8
12
16
20
040
80
120
160
IC (mA)
gain
(dB)
Gmax
S21
IC = 80 mA; VCE =2V.
Fig.8
Gain as a function of frequency;
typical values.
0
10
20
30
40
50
10
100
1000
10000
f (MHz)
gain
(dB)
MSG
S21
Gmax


Similar Part No. - BFG480W_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG480W PHILIPS-BFG480W_15 Datasheet
390Kb / 16P
   NPN wideband transistor
1998 Oct 21
More results

Similar Description - BFG480W_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFQ540 NXP-BFQ540_07 Datasheet
67Kb / 8P
   NPN wideband transistor
2000 May 23
logo
Quanzhou Jinmei Electro...
BFQ540 JMNIC-BFQ540_15 Datasheet
67Kb / 8P
   NPN wideband transistor
logo
NXP Semiconductors
BFG480W PHILIPS-BFG480W_15 Datasheet
390Kb / 16P
   NPN wideband transistor
1998 Oct 21
logo
Diodes Incorporated
BFR92A DIODES-BFR92A Datasheet
69Kb / 5P
   NPN WIDEBAND TRANSISTOR
DS30031 Rev. B-5
logo
NXP Semiconductors
BFG480W PHILIPS-BFG480W Datasheet
160Kb / 16P
   NPN wideband transistor
1998 Oct 21
BFQ540 PHILIPS-BFQ540 Datasheet
244Kb / 8P
   NPN wideband transistor
Rev. 04-25 September 2007
logo
Quanzhou Jinmei Electro...
BFG480W_2015 JMNIC-BFG480W_2015 Datasheet
143Kb / 16P
   NPN wideband transistor
BFQ540_2015 JMNIC-BFQ540_2015 Datasheet
67Kb / 8P
   NPN wideband transistor
logo
NXP Semiconductors
BFQ540 NXP-BFQ540 Datasheet
238Kb / 8P
   NPN wideband transistor
Rev. 04-25 September 2007
BFC505 PHILIPS-BFC505 Datasheet
82Kb / 11P
   NPN wideband cascode transistor
1996 Oct 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com