Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG505 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG505
Description  NPN 9 GHz wideband transistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG505 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFG505_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG505_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG505_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG505_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG505_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG505_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG505_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG505_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG505_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
Product specification
Supersedes data of September 1995
1998 Oct 02
DISCRETE SEMICONDUCTORS
BFG505; BFG505/X
NPN 9 GHz wideband transistors
book, halfpage
M3D071


Similar Part No. - BFG505_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG505-X NXP-BFG505-X Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG505/X PHILIPS-BFG505/X Datasheet
159Kb / 16P
   NPN 9 GHz wideband transistors
1998 Oct 02
BFG505/X NXP-BFG505/X Datasheet
306Kb / 13P
   NPN 9 GHz wideband transistors
Rev. 04-22 November 2007
BFG505/X PHILIPS-BFG505/X Datasheet
148Kb / 16P
   NPN 9 GHz wideband transistors
1998 Oct 02
BFG505/X NXP-BFG505/X Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BFG505_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG520W PHILIPS-BFG520W Datasheet
154Kb / 16P
   NPN 9 GHz wideband transistors
1998 Oct 02
logo
Quanzhou Jinmei Electro...
BFG505_2015 JMNIC-BFG505_2015 Datasheet
136Kb / 16P
   NPN 9 GHz wideband transistors
BFG520W_2015 JMNIC-BFG520W_2015 Datasheet
130Kb / 16P
   NPN 9 GHz wideband transistors
logo
NXP Semiconductors
BFG520W NXP-BFG520W Datasheet
304Kb / 15P
   NPN 9 GHz wideband transistors
Rev. 04-21 November 2007
BFG505 PHILIPS-BFG505 Datasheet
159Kb / 16P
   NPN 9 GHz wideband transistors
1998 Oct 02
logo
Quanzhou Jinmei Electro...
BFG520W JMNIC-BFG520W_15 Datasheet
130Kb / 16P
   NPN 9 GHz wideband transistors
logo
NXP Semiconductors
BFG505 NXP-BFG505 Datasheet
306Kb / 13P
   NPN 9 GHz wideband transistors
Rev. 04-22 November 2007
BFG505W PHILIPS-BFG505W Datasheet
148Kb / 16P
   NPN 9 GHz wideband transistors
1998 Oct 02
logo
Quanzhou Jinmei Electro...
BFR505T_2015 JMNIC-BFR505T_2015 Datasheet
116Kb / 16P
   NPN 9 GHz wideband transistor
BFS505_2015 JMNIC-BFS505_2015 Datasheet
95Kb / 12P
   NPN 9 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com