Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC161S997 Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC161S997
Description  DAC161S997 16-Bit SPI-Programmable DAC for 4-20 mA Loops
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC161S997 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC161S997_15 Datasheet HTML 6Page - Texas Instruments DAC161S997_15 Datasheet HTML 7Page - Texas Instruments DAC161S997_15 Datasheet HTML 8Page - Texas Instruments DAC161S997_15 Datasheet HTML 9Page - Texas Instruments DAC161S997_15 Datasheet HTML 10Page - Texas Instruments DAC161S997_15 Datasheet HTML 11Page - Texas Instruments DAC161S997_15 Datasheet HTML 12Page - Texas Instruments DAC161S997_15 Datasheet HTML 13Page - Texas Instruments DAC161S997_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
DAC161S997
SNAS621A – JUNE 2013 – REVISED DECEMBER 2014
www.ti.com
8.5 Programming
8.5.1 Serial Interface
The 4-wire interface is compatible with SPI, QSPI, and MICROWIRE, as well as most DSPs. See the Timing
Requirements section for timing information about the read and write sequences. The serial interface is
comprised of CSB, SCLK, SDIs and SDO. The DAC161S997 supports both Mode 0 and Mode 3 of the SPI
protocol.
A bus transaction is initiated by the falling edge of CSB. When CSB is low, the input data is sampled at the SDI
pin by the rising edge of the SCLK. The output data is asserted on the SDO pin at the falling edge of SCLK.
A valid transfer requires an integer multiple of 24 SCLK cycles. If CSB is raised before the 24th rising edge of the
SCLK, the transfer aborts and a Frame Error is reported. If CSB is held low after the 24th falling edge of the
SCLK and additional SCLK edges occur, the data continues to flow through the FIFO and out the SDO pin.
When CSB transitions high, the internal controller decodes the most recent 24 bits that were received before the
rising edge of CSB. CSB must transition to high after an integer multiple of 24 clock cycles, otherwise a Frame
Error is reported and the transaction is considered invalid. When a valid number of SCLK pulses occur with CSB
low, the DAC then performs the requested operation after CSB transitions high.
Figure 8. SPI Data Format
The acquired data is shifted into an internal 24-bit shift register (MSB first) which is configured as a 24-bit deep
FIFO. As the data is being shifted into the FIFO via the SDI pin, the prior contents of the register are being
shifted out through the SDO output. While CSB is high, SDO is in a high Z-state. At the falling edge of CSB, SDO
presents the MSB of the data present in the shift register. SDO is updated on every subsequent falling edge of
SCLK.
NOTE
The first SDO transition will happen on the first falling edge AFTER the first rising edge of
SCLK when CSB is low.
The 24 bits of data contained in the FIFO are interpreted as an 8-bit COMMAND word followed by 16-bits of
DATA. The general format of the 24-bit data stream is shown in Figure 9. Complete instruction set is tabulated in
the Detailed Description section.
Figure 9. SPI Command and Data Words
10
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: DAC161S997


Similar Part No. - DAC161S997_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC161S997EVM TI1-DAC161S997EVM Datasheet
8Mb / 16P
[Old version datasheet]   helps designers evaluate the operation and performance of the DAC161S997 4-20mA Loop Drive with SPI control
DAC161S997RGHR TI-DAC161S997RGHR Datasheet
1Mb / 27P
[Old version datasheet]   16-bit SPI Programmable DAC for 4-20mA Loops
DAC161S997RGHT TI-DAC161S997RGHT Datasheet
1Mb / 27P
[Old version datasheet]   16-bit SPI Programmable DAC for 4-20mA Loops
More results

Similar Description - DAC161S997_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC161S997 TI-DAC161S997 Datasheet
1Mb / 27P
[Old version datasheet]   16-bit SPI Programmable DAC for 4-20mA Loops
DAC161P997 TI-DAC161P997_15 Datasheet
1Mb / 39P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4- to 20-mA Loops
logo
Analog Devices
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
logo
Texas Instruments
DAC161P997 TI1-DAC161P997 Datasheet
870Kb / 34P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4-20mA Loops
logo
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
UG-250 AD-UG-250 Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com