Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC900-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC900-Q1
Description  10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC900-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC900-Q1_15 Datasheet HTML 3Page - Texas Instruments DAC900-Q1_15 Datasheet HTML 4Page - Texas Instruments DAC900-Q1_15 Datasheet HTML 5Page - Texas Instruments DAC900-Q1_15 Datasheet HTML 6Page - Texas Instruments DAC900-Q1_15 Datasheet HTML 7Page - Texas Instruments DAC900-Q1_15 Datasheet HTML 8Page - Texas Instruments DAC900-Q1_15 Datasheet HTML 9Page - Texas Instruments DAC900-Q1_15 Datasheet HTML 10Page - Texas Instruments DAC900-Q1_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Current
Sources
LSB
Switches
Segmented
MSB
Switches
+1.24V Ref.
Latches
10-Bit Data Input
D9.......D0
DAC900
FSA
BW
+V
D
+V
A
R
SET
AGND
CLK
DGND
REF
IN
0.1µF
INT/EXT
I
OUT
I
OUT
BYP
PD
20pF
50Ω
50Ω
20pF
1:1
0.1µF
0.1µF
+5V
+5V
t2
t1
tS
tH
tSET
tPD
CLOCK
D13 D0
Iout or
Iout
Data Changes
Stable Valid Data
Data Changes
SYMBOL
t1
Clock Pulse HIGH Time
t2
Clock Pulse LOW Time
tS
Data Setup Time
tH
Data Hold Time
tPD
Propagation Delay Time
tSET
Output Settling Time to 0.1%
DESCRIPTION
MIN
TYP
MAX
UNIT
ns
ns
ns
ns
ns
ns
1
30
1
1.5
3
3
DAC900-Q1
www.ti.com
SBAS505 – JUNE 2010
Typical Connection Circuit
Timing Diagram
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC900-Q1


Similar Part No. - DAC900-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC900-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1610 TI1-ADS1610_14 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
THS5651A TI-THS5651A Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
logo
NXP Semiconductors
TDA8776 PHILIPS-TDA8776 Datasheet
153Kb / 20P
   10-bit, 500 Msps Digital-to-Analog Converter DAC
1996 Jun 04
logo
Texas Instruments
DAC5652-EP TI1-DAC5652-EP Datasheet
643Kb / 27P
[Old version datasheet]   DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com