Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6312UK49D2-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6312UK49D2-T
Description  5-Pin, Multiple-Input, Programmable Reset ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6312UK49D2-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6312UK49D2-T Datasheet HTML 2Page - Maxim Integrated Products MAX6312UK49D2-T Datasheet HTML 3Page - Maxim Integrated Products MAX6312UK49D2-T Datasheet HTML 4Page - Maxim Integrated Products MAX6312UK49D2-T Datasheet HTML 5Page - Maxim Integrated Products MAX6312UK49D2-T Datasheet HTML 6Page - Maxim Integrated Products MAX6312UK49D2-T Datasheet HTML 7Page - Maxim Integrated Products MAX6312UK49D2-T Datasheet HTML 8Page - Maxim Integrated Products MAX6312UK49D2-T Datasheet HTML 9Page - Maxim Integrated Products MAX6312UK49D2-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
open-drain, N-channel output. The MAX6308/MAX6309/
MAX6310 feature an active-low, complementary output
structure that both sinks and sources current, and the
MAX6311/MAX6312/MAX6313 have an active-high com-
plementary reset output.
The MAX6305/MAX6308/MAX6311 switch from under-
voltage lockout operation to normal operation between
1.5V < VCC < 2.5V. Below 1.5V, VCC undervoltage-
lockout mode asserts RESET. Above 2.5V, VCC normal-
operation mode asserts reset if RST IN_ falls below the
RST IN_ threshold.
Manual-Reset Input
(MAX6306/MAX6309/MAX6312)
Many µP-based products require manual-reset capability,
allowing an operator or external logic circuitry to initiate a
reset. A logic low on MR asserts reset. Reset remains
asserted while MR is low, and for a reset active timeout
period (tRP) after MR returns high. This input has an inter-
nal 63.5k
Ω pull-up resistor, so it can be left open if it is not
used. MR can be driven with TTL-logic levels in 5V sys-
tems, with CMOS-logic levels in 3V systems, or with open-
drain/collector output devices. Connect a normally open
momentary switch from MR to GND to create a manual-
reset function; external debounce circuitry is not required.
If MR is driven from long cables or if the device is used in
a noisy environment, connecting a 0.1µF capacitor from
MR to ground provides additional noise immunity.
The MR pin has internal ESD-protection circuitry that may
be forward biased under certain conditions, drawing
excessive current. For example, assume the circuitry driv-
ing MR uses a +5V supply other than VCC. If VCC drops or
browns out lower than +4.7V, MR’s absolute maximum rat-
ing is violated (-0.3V to (VCC + 0.3V)), and undesirable
current flows through the ESD structure from MR to VCC.
To avoid this, it is recommended that the supply for the MR
pin be the same as the supply monitored by VCC. In this
way, the voltage at MR will not exceed VCC.
Adjustable Reset Inputs
The MAX6305–MAX6313 each have one or more reset
inputs (RST IN_ /OVRST IN). These inputs are com-
pared to the internal reference voltage (Figure 1).
Connect a resistor voltage divider to RST IN_ such that
VRST IN_ falls below VRSTH (1.23V) when the monitored
voltage (VIN) falls below the desired reset threshold
(VTH) (Figure 2). Calculate the desired reset voltage
with the following formula:
R1 + R2
VTH = ________ x VRSTH
R2
5-Pin, Multiple-Input,
Programmable Reset ICs
6
_______________________________________________________________________________________
RST IN1
*
††
†††
+1.23V
+1.23V
+1.23V
+1.23V
RST IN2
RESET
GENERATOR
RESET***
OVRST IN
GND
VCC
VCC
MR
RESET**
MAX6306/MAX6307/MAX6309/MAX6310/MAX6312/MAX6313 ONLY
MAX6305–MAX6310 ONLY
MAX6311/MAX6312/MAX6313 ONLY
MAX6307/MAX6310/MAX6313 ONLY
MAX6305/MAX6308/MAX6311 ONLY
MAX6306/MAX6309/MAX6312 ONLY
*
**
***
††
†††
MAX6305–MAX6313
Figure 1. Functional Diagram


Similar Part No. - MAX6312UK49D2-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6312UK46D3-T MAXIM-MAX6312UK46D3-T Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6312UK46D3-T MAXIM-MAX6312UK46D3-T Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
More results

Similar Description - MAX6312UK49D2-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305_08 Datasheet
125Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
19-1145; Rev 5; 4/08
MAX6305_V6 MAXIM-MAX6305_V6 Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6306UK30D2 MAXIM-MAX6306UK30D2 Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
logo
Analog Devices
ADM6305 AD-ADM6305_12 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
ADM6305 AD-ADM6305 Datasheet
199Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. 0
logo
National Semiconductor ...
LM3722 NSC-LM3722 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
logo
Renesas Technology Corp
ISL6131 RENESAS-ISL6131 Datasheet
745Kb / 15P
   Multiple Voltage Supervisory ICs
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
520Kb / 13P
   Multiple Voltage Supervisory ICs
ISL6131 INTERSIL-ISL6131 Datasheet
457Kb / 13P
   Multiple Voltage Supervisory ICs
logo
Toshiba Semiconductor
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com