Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5670-SP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5670-SP
Description  DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5670-SP Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC5670-SP Datasheet HTML 4Page - Texas Instruments DAC5670-SP Datasheet HTML 5Page - Texas Instruments DAC5670-SP Datasheet HTML 6Page - Texas Instruments DAC5670-SP Datasheet HTML 7Page - Texas Instruments DAC5670-SP Datasheet HTML 8Page - Texas Instruments DAC5670-SP Datasheet HTML 9Page - Texas Instruments DAC5670-SP Datasheet HTML 10Page - Texas Instruments DAC5670-SP Datasheet HTML 11Page - Texas Instruments DAC5670-SP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
DAC5670-SP
SGLS386F – JANUARY 2009 – REVISED OCTOBER 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage
AVDD to GND
5
V
DA_P[13..0], DA_N[13..0], DB_P[13..0], DB_N[13..0]
Measured with respect to GND
–0.3
AVDD + 0.3
V
NORMAL, A_ONLY, A_ONLY_INV, A_ONLY_ZS
Measured with respect to GND
–0.3
AVDD + 0.3
V
DTCLK_P, DTCLK_N, DACCLK_P, DACCLK_N
Measured with respect to GND
–0.3
AVDD + 0.3
V
LVDS_HTB, INV_CLK, RESTART
Measured with respect to GND
–0.3
AVDD + 0.3
V
IOUT_P, IOUT_N
Measured with respect to GND
AVDD – 0.5
AVDD + 1.5
V
CSCAP_IN, REFIO_IN, RBIAS_IN
Measured with respect to GND
–0.3
AVDD + 0.3
V
Peak input current (any input)
20
mA
Maximum junction temperature
150
°C
Lead temperature 1.6 mm (1/16 inch) from the case for 10 s
260
°C
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
–250
250
Electrostatic
V(ESD)
V
discharge
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
–250
250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
GENERAL PARAMETERS
Full-scale output current
30
mA
VREFIO
Input voltage range
1.14
1.2
1.26
V
AVDD
Analog supply voltage
3
3.3
3.6
V
ƒDAC
Output update rate
2.4
GSPS
CMOS INTERFACE (SLEEP, RESTART, INV_CLK, NORMAL, A_ONLY, A_ONLY_INV, A_ONLY_ZS)
VIH
High-level input voltage
2
3
V
VIL
Low-level input voltage
0
0
0.8
V
DIFFERENTIAL DATA INTERFACE (DA_P[13:0], DA_N[13:0], DB_P[13:0], DB_N[13:0], DTCLK_P, DTCLK_N)
VITH
Differential input threshold
–100
100
mV
VICOM
Input common mode
0.6
1.4
V
CLOCK INPUTS (DACCLK_P, DACCLK_N)
|DACCLK_P
Clock differential input voltage
200
1000
mV
DACCLK_N|
Clock duty cycle
40%
60%
VCLKCM
Clock common mode
1
1.4
V
8
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: DAC5670-SP


Similar Part No. - DAC5670-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC5670-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
logo
Analog Devices
AD9154 AD-AD9154 Datasheet
2Mb / 124P
   Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
AD9739 AD-AD9739 Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739BBCZ AD-AD9739BBCZ Datasheet
856Kb / 48P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. B
AD9739A AD-AD9739A Datasheet
1Mb / 44P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com