Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5681Z Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC5681Z
Description  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5681Z Datasheet(HTML) 1 Page - Texas Instruments

  DAC5681Z_15 Datasheet HTML 1Page - Texas Instruments DAC5681Z_15 Datasheet HTML 2Page - Texas Instruments DAC5681Z_15 Datasheet HTML 3Page - Texas Instruments DAC5681Z_15 Datasheet HTML 4Page - Texas Instruments DAC5681Z_15 Datasheet HTML 5Page - Texas Instruments DAC5681Z_15 Datasheet HTML 6Page - Texas Instruments DAC5681Z_15 Datasheet HTML 7Page - Texas Instruments DAC5681Z_15 Datasheet HTML 8Page - Texas Instruments DAC5681Z_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
DAC5681Z
www.ti.com
SLLS865F – AUGUST 2007 – REVISED AUGUST 2012
16-BIT, 1.0 GSPS 2x-4x INTERPOLATING
DIGITAL-TO-ANALOG CONVERTER (DAC)
Check for Samples: DAC5681Z
1
FEATURES
DESCRIPTION
The DAC5681Z is a 16-bit 1.0 GSPS digital-to-analog
16-Bit Digital-to-Analog Converter (DAC)
converter (DAC) with wideband LVDS data input,
1.0 GSPS Update Rate
integrated 2x/4x interpolation filters, on-board clock
16-Bit Wideband Input LVDS Data Bus
multiplier
and
internal
voltage
reference.
The
DAC5681Z offers superior linearity, noise, crosstalk
8 Sample Input FIFO
and PLL phase noise performance.
High Performance
The DAC5681Z integrates a wideband LVDS port
73 dBc ACLR WCDMA TM1 at 180 MHz
with on-chip termination. Full-rate input data can be
2x-32x Clock Multiplying PLL/VCO
transferred to a single DAC channel, or half-rate and
2x or 4x Interpolation Filters
1/4-rate input data can be interpolated by on-board
2x or 4x FIR filters. Each interpolation FIR is
Stopband Transition 0.4–0.6 Fdata
configurable in either Low-Pass or High-Pass mode,
Filters Configurable in Either Low-Pass or
allowing selection of a higher order output spectral
High-Pass Mode
image. An on-chip delay lock loop (DLL) simplifies
Allows Selection of Higher Order Image
LVDS interfacing by providing skew control for the
LVDS input data clock.
On Chip 1.2 V Reference
Differential Scalable Output: 2 to 20 mA
The DAC5681Z is characterized for operation over
the industrial temperature range of –40°C to 85°C
Package: 64-Pin 9 × 9 mm QFN
and is available in a 64-pin QFN package. Other
members of the family include the dual-channel,
APPLICATIONS
interpolating DAC5682Z and the single-channel, non-
Cellular Base Stations
interpolating DAC5681.
Broadband Wireless Access (BWA)
WiMAX 802.16
Fixed Wireless Backhaul
Cable Modem Termination System (CMTS)
ORDERING INFORMATION
TA
ORDER CODE
PACKAGE DRAWING/TYPE(1) (2) (3)
TRANSPORT MEDIA
QUANTITY
DAC5681ZIRGCT
Tape and Reel
250
–40°C to 85°C
RGC / 64QFN Quad Flatpack No-Lead
DAC5681ZIRGCR
Tape and Reel
2000
(1)
Thermal Pad Size: 7,4 mm × 7,4 mm
(2)
MSL Peak Temperature: Level-3-260C-168 HR
(3)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC5681Z_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5681ZIRGCR TI-DAC5681ZIRGCR Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681ZIRGCR TI1-DAC5681ZIRGCR Datasheet
5Mb / 61P
[Old version datasheet]   Interpolating Digital-To-Analog Converter
DAC5681ZIRGCT TI-DAC5681ZIRGCT Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681ZIRGCT TI1-DAC5681ZIRGCT Datasheet
5Mb / 61P
[Old version datasheet]   Interpolating Digital-To-Analog Converter
More results

Similar Description - DAC5681Z_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z_09 Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI1-DAC5682Z_17 Datasheet
3Mb / 66P
[Old version datasheet]   16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
DAC5682Z TI-DAC5682Z_15 Datasheet
3Mb / 66P
[Old version datasheet]   DAC5682Z 16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com