Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKCM15F60HA Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IKCM15F60HA
Description  Control Integrated POwer System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKCM15F60HA Datasheet(HTML) 5 Page - Infineon Technologies AG

  IKCM15F60HA_15 Datasheet HTML 1Page - Infineon Technologies AG IKCM15F60HA_15 Datasheet HTML 2Page - Infineon Technologies AG IKCM15F60HA_15 Datasheet HTML 3Page - Infineon Technologies AG IKCM15F60HA_15 Datasheet HTML 4Page - Infineon Technologies AG IKCM15F60HA_15 Datasheet HTML 5Page - Infineon Technologies AG IKCM15F60HA_15 Datasheet HTML 6Page - Infineon Technologies AG IKCM15F60HA_15 Datasheet HTML 7Page - Infineon Technologies AG IKCM15F60HA_15 Datasheet HTML 8Page - Infineon Technologies AG IKCM15F60HA_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CIPOS™ IKCM15F60HA
Datasheet
5
Ver. 1.2, 2014-06-01
Pin Assignment
Pin Number
Pin Name
Pin Description
1
VS(U)
U-phase high side floating IC supply offset voltage
2
VB(U)
U-phase high side floating IC supply voltage
3
VS(V)
V-phase high side floating IC supply offset voltage
4
VB(V)
V-phase high side floating IC supply voltage
5
VS(W)
W-phase high side floating IC supply offset voltage
6
VB(W)
W-phase high side floating IC supply voltage
7
HIN(U)
U-phase high side gate driver input
8
HIN(V)
V-phase high side gate driver input
9
HIN(W)
W-phase high side gate driver input
10
LIN(U)
U-phase low side gate driver input
11
LIN(V)
V-phase low side gate driver input
12
LIN(W)
W-phase low side gate driver input
13
VDD
Low side control supply
14
VFO
Fault output
15
ITRIP
Over current shutdown input
16
VSS
Low side control negative supply
17
NW
W-phase low side emitter
18
NV
V-phase low side emitter
19
NU
U-phase low side emitter
20
W
Motor W-phase output
21
V
Motor V-phase output
22
U
Motor U-phase output
23
P
Positive bus input voltage
24
NC
No Connection
Pin Description
HIN(U,V,W) and LIN(U,V,W) (Low side and high
side control pins, Pin 7 - 12)
These pins are positive logic and they are
responsible for the control of the integrated IGBT.
The Schmitt-trigger input thresholds of them are
such to guarantee LSTTL and CMOS compatibility
down to 3.3V controller outputs. Pull-down resistor
of about 5k
 is internally provided to pre-bias inputs
during supply start-up and a zener clamp is
provided for pin protection purposes. Input Schmitt-
trigger and noise filter provide beneficial noise
rejection to short input pulses.
The noise filter suppresses control pulses which are
below the filter time tFILIN. The filter acts according to
Figure 4.
 k
5
Figure 3: Input pin structure
Figure 4: Input filter timing diagram


Similar Part No. - IKCM15F60HA_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCM15F60HA INFINEON-IKCM15F60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.4 2016-08-01
More results

Similar Description - IKCM15F60HA_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCS08F60F2A INFINEON-IKCS08F60F2A Datasheet
548Kb / 18P
   Control integrated Power System
2009-04 Rev.2
IKCS12F60EA INFINEON-IKCS12F60EA Datasheet
435Kb / 17P
   Control integrated Power System
Rev. 0.2, Aug. 2009
IKCS17F60B2A INFINEON-IKCS17F60B2A Datasheet
466Kb / 18P
   Control integrated Power System
Rev. 2.2, March 2009
IKCS22F60B2A INFINEON-IKCS22F60B2A Datasheet
458Kb / 18P
   Control integrated Power System
Rev. 2.3, July 2009
IGCM04B60GA INFINEON-IGCM04B60GA_15 Datasheet
996Kb / 16P
   Control Integrated Power System
Ver. 1.0, 2014-06-01
IKCM15L60GA INFINEON-IKCM15L60GA_15 Datasheet
1Mb / 16P
   Control Integrated POwer System
Ver. 1.2, 2014-06-01
IKCM15L60GD INFINEON-IKCM15L60GD_15 Datasheet
916Kb / 16P
   Control Integrated POwer System
Ver. 1.0, 2015-07-01
IKCM30F60GD INFINEON-IKCM30F60GD_16 Datasheet
1Mb / 17P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM20L60HA INFINEON-IKCM20L60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.2 2016-08-01
IGCM04G60HA INFINEON-IGCM04G60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM15F60HA INFINEON-IKCM15F60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.4 2016-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com