Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKCM30F60HD Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IKCM30F60HD
Description  Control Integrated POwer System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKCM30F60HD Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IKCM30F60HD_15 Datasheet HTML 3Page - Infineon Technologies AG IKCM30F60HD_15 Datasheet HTML 4Page - Infineon Technologies AG IKCM30F60HD_15 Datasheet HTML 5Page - Infineon Technologies AG IKCM30F60HD_15 Datasheet HTML 6Page - Infineon Technologies AG IKCM30F60HD_15 Datasheet HTML 7Page - Infineon Technologies AG IKCM30F60HD_15 Datasheet HTML 8Page - Infineon Technologies AG IKCM30F60HD_15 Datasheet HTML 9Page - Infineon Technologies AG IKCM30F60HD_15 Datasheet HTML 10Page - Infineon Technologies AG IKCM30F60HD_15 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CIPOS™ IKCM30F60HD
Datasheet
7
Ver. 1.2, 2014-11-01
Absolute Maximum Ratings
(VDD = 15V and TJ = 25°C, if not stated otherwise)
Module Section
Description
Condition
Symbol
Value
Unit
min
max
Storage temperature range
Tstg
-40
125
°C
Insulation test voltage
RMS, f = 60Hz, t =1min
VISOL
2000
-
V
Operating case temperature range
Refer to Figure 6
TC
-40
100
°C
Inverter Section
Description
Condition
Symbol
Value
Unit
min
max
Max. blocking voltage
IC = 250µA
VCES
600
-
V
DC link supply voltage of P-N
Applied between P-N
VPN
-
450
V
DC link supply voltage (surge) of P-N
Applied between P-N
VPN(surge)
-
500
V
Output current
TC = 25°C, TJ ≤ 150°C
IC
-30
30
A
Maximum peak output current
TC = 25°C,
less than 1ms
IC
-60
60
A
Short circuit withstand time
1
VDC
≤400V, T
J ≤ 150°C
tSC
-
5
µs
Power dissipation per IGBT
Ptot
-
79.1
W
Operating junction temperature range
TJ
-40
150
°C
Single IGBT thermal resistance,
junction-case
RthJC
-
1.58
K/W
Single diode thermal resistance,
junction-case
RthJCD
-
2.05
K/W
Control Section
Description
Condition
Symbol
Value
Unit
min
max
Module supply voltage
VDD
-1
20
V
High side floating supply voltage
(VB vs. VS)
VBS
-1
20
V
Input voltage
LIN, HIN, ITRIP
VIN
VITRIP
-1
-1
10
10
V
Switching frequency
fPWM
-
20
kHz
1 Allowed number of short circuits: <1000; time between short circuits: >1s.


Similar Part No. - IKCM30F60HD_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCM30F60HD INFINEON-IKCM30F60HD_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.3 2016-08-01
More results

Similar Description - IKCM30F60HD_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCS08F60F2A INFINEON-IKCS08F60F2A Datasheet
548Kb / 18P
   Control integrated Power System
2009-04 Rev.2
IKCS12F60EA INFINEON-IKCS12F60EA Datasheet
435Kb / 17P
   Control integrated Power System
Rev. 0.2, Aug. 2009
IKCS17F60B2A INFINEON-IKCS17F60B2A Datasheet
466Kb / 18P
   Control integrated Power System
Rev. 2.2, March 2009
IKCS22F60B2A INFINEON-IKCS22F60B2A Datasheet
458Kb / 18P
   Control integrated Power System
Rev. 2.3, July 2009
IGCM04B60GA INFINEON-IGCM04B60GA_15 Datasheet
996Kb / 16P
   Control Integrated Power System
Ver. 1.0, 2014-06-01
IKCM15L60GA INFINEON-IKCM15L60GA_15 Datasheet
1Mb / 16P
   Control Integrated POwer System
Ver. 1.2, 2014-06-01
IKCM15L60GD INFINEON-IKCM15L60GD_15 Datasheet
916Kb / 16P
   Control Integrated POwer System
Ver. 1.0, 2015-07-01
IKCM30F60GD INFINEON-IKCM30F60GD_16 Datasheet
1Mb / 17P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM20L60HA INFINEON-IKCM20L60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.2 2016-08-01
IGCM04G60HA INFINEON-IGCM04G60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM15F60HA INFINEON-IKCM15F60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.4 2016-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com