Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75323 Datasheet(PDF) 9 Page - Unisonic Technologies

Part # 75323
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75323 Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button 75323_15 Datasheet HTML 4Page - Unisonic Technologies 75323_15 Datasheet HTML 5Page - Unisonic Technologies 75323_15 Datasheet HTML 6Page - Unisonic Technologies 75323_15 Datasheet HTML 7Page - Unisonic Technologies 75323_15 Datasheet HTML 8Page - Unisonic Technologies 75323_15 Datasheet HTML 9Page - Unisonic Technologies 75323_15 Datasheet HTML 10Page - Unisonic Technologies 75323_15 Datasheet HTML 11Page - Unisonic Technologies 75323_15 Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
75323
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 12
www.unisonic.com.tw
QW-R113-007.C
PARAMETER MEASUREMENT INFORMATION(Cont.)
VSS
VDD
VCC
VIT,VIN
VOL
IOL
VOH
-IOH
Fig. 5 Receiver Test Circuit for VIT ,VOH, and VOL
Fig. 6 Receive Propagation and Transition Times
Notes: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics(tW=25μs,PRR=20kHz,ZO=50Ω,tR=tF<50ns)


Similar Part No. - 75323_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75323 UTC-75323_12 Datasheet
340Kb / 12P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - 75323_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
   Multiple RS-232 drivers and receivers
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Holtek Semiconductor In...
HT6571 HOLTEK-HT6571 Datasheet
483Kb / 8P
   Multiple RS-232 Drivers and Receivers
logo
STMicroelectronics
ST75285 STMICROELECTRONICS-ST75285 Datasheet
300Kb / 13P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
December 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com