Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1062AN Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TEA1062AN
Description  LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA1062AN Datasheet(HTML) 1 Page - Unisonic Technologies

  TEA1062AN_15 Datasheet HTML 1Page - Unisonic Technologies TEA1062AN_15 Datasheet HTML 2Page - Unisonic Technologies TEA1062AN_15 Datasheet HTML 3Page - Unisonic Technologies TEA1062AN_15 Datasheet HTML 4Page - Unisonic Technologies TEA1062AN_15 Datasheet HTML 5Page - Unisonic Technologies TEA1062AN_15 Datasheet HTML 6Page - Unisonic Technologies TEA1062AN_15 Datasheet HTML 7Page - Unisonic Technologies TEA1062AN_15 Datasheet HTML 8Page - Unisonic Technologies TEA1062AN_15 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TEA1062N/TEA1062AN
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 14
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R108-011.D
LOW VOLTAGE TELEPHONE
TRANSMISSION CIRCUIT WITH
DIALLER INTERFACE
DESCRIPTION
The UTC TEA1062N/TEA1062AN is a bipolar integrated circuit
performing all speech and line interface function, required in the
fully electronic telephone sets. It performs electronic switching
between dialing speech. The circuit is able to operate down to D.C.
line voltage of 1.6V (with reduced performance) to facilitate the use
of more telephone sets in parallel.
FEATURES
* Low d.c. line voltage; operates down to 1.6V
(excluding polarity guard).
* Voltage regulator with adjustment static resistance.
* Provides supply with limited current for external circuitry.
* Symmetrical high-impedance inputs (64kΩ)
for dynamic, magnetic or piezoelectric microphones.
* Asymmetrical high-impedance inputs (32kΩ)
for electrets microphones.
* DTMF signal input with confidence tone.
* Mute input for pulse or DTMF dialing.
* Receivering amplifier for several types of earphones.
* Large amplification setting range on microphone and earpiece
amplifiers.
* Line loss compensation facility, line current depedant
(microphone and earpiece amplifiers).
* Gain control adaptable to exchange supply.
* Possibility to adjust the d.c. line voltage
DIP-16
SOP-16
ORDERING INFORMATION
Order Number
Package
Packing
Lead Free
Halogen Free
TEA1062NL-D16-T
TEA1062NG-D16-T
DIP-16
Tube
-
TEA1062NG-S16-R
SOP-16
Tape Reel
TEA1062ANL-D16-T
TEA1062ANG-D16-T
DIP-16
Tube
-
TEA1062ANG-S16-R
SOP-16
Tape Reel


Similar Part No. - TEA1062AN_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TEA1062AN-D16-T UTC-TEA1062AN-D16-T Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062AN-S16-R UTC-TEA1062AN-S16-R Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062ANG-D16-T UTC-TEA1062ANG-D16-T Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062ANG-S16-R UTC-TEA1062ANG-S16-R Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062ANL-D16-T UTC-TEA1062ANL-D16-T Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results

Similar Description - TEA1062AN_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_15 Datasheet
275Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
UTCTEA1062 UTC-UTCTEA1062 Datasheet
113Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062N UTC-TEA1062N_09 Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
TEA1114A PHILIPS-TEA1114A Datasheet
150Kb / 28P
   Low voltage telephone transmission circuit with dialler interface and regulated strong supply
2000 Mar 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com