Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA9849-SH1-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UA9849-SH1-T
Description  3-PHASE MOTOR DRIVER FOR CD-ROMS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA9849-SH1-T Datasheet(HTML) 2 Page - Unisonic Technologies

  UA9849-SH1-T Datasheet HTML 1Page - Unisonic Technologies UA9849-SH1-T Datasheet HTML 2Page - Unisonic Technologies UA9849-SH1-T Datasheet HTML 3Page - Unisonic Technologies UA9849-SH1-T Datasheet HTML 4Page - Unisonic Technologies UA9849-SH1-T Datasheet HTML 5Page - Unisonic Technologies UA9849-SH1-T Datasheet HTML 6Page - Unisonic Technologies UA9849-SH1-T Datasheet HTML 7Page - Unisonic Technologies UA9849-SH1-T Datasheet HTML 8Page - Unisonic Technologies UA9849-SH1-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
UA9849
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 12
www.unisonic.com.tw
QW-R109-006,C
PIN DESCRIPTION
PIN #
PIN NAME
FUNCTOIN
2
A3
Output
4
A2
Output
7
A1
Output
8
GND
GND
9
H1
+
Hall Signal Input
10
H1
-
Hall Signal Input
11
H2
+
Hall Signal Input
12
H2
-
Hall Signal Input
13
H3
+
Hall Signal Input
14
H3
-
Hall Signal Input
15
VH
Hall Bias
17
CNF
For connection of phase compensation capacitor
18
SB
Short brake
20
FR
Rotation direction detection
21
ECR
Output voltage control reference
22
EC
Output voltage control
23
PS
Power save
24
FG
FG signal output
25
VCC
Power Supply
26
VM2
Motor Power Supply 2
27
VM1
Motor Power Supply 1
28
RNF
For connection of output current detection resistor
FIN
-
SUB GND


Similar Part No. - UA9849-SH1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UA9849-SH1-T UTC-UA9849-SH1-T Datasheet
188Kb / 11P
   3-PHASE MOTOR DRIVER FOR CD-ROMS
More results

Similar Description - UA9849-SH1-T

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
W49 CERAMATE-W49 Datasheet
174Kb / 11P
   3-Phase Motor Driver for CD-ROMs
logo
Rohm
BA6848FP ROHM-BA6848FP Datasheet
155Kb / 11P
   3-phase motor driver for CD-ROMs
BA6849FP ROHM-BA6849FP Datasheet
178Kb / 12P
   3-phase motor driver for CD-ROMs
logo
Unisonic Technologies
UA9849 UTC-UA9849 Datasheet
188Kb / 11P
   3-PHASE MOTOR DRIVER FOR CD-ROMS
UTCA9849 UTC-UTCA9849 Datasheet
148Kb / 11P
   3-phase motor driver for CD-ROMs
logo
Rohm
BD6660FV ROHM-BD6660FV Datasheet
144Kb / 12P
   3-phase motor driver for CD-ROMs
BA6858AFP ROHM-BA6858AFP Datasheet
209Kb / 15P
   Three-phase motor driver for CD-ROMs
BA6665FM ROHM-BA6665FM Datasheet
67Kb / 9P
   Motor driver for CD-ROMs
BA5972FP ROHM-BA5972FP Datasheet
152Kb / 9P
   BTL driver for CD-ROMs
logo
Silan Microelectronics ...
SA5664 SILAN-SA5664 Datasheet
263Kb / 12P
   3-PHASE SPINDLE MOTOR DRIVER FOR CD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com