Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6312UK42D4-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6312UK42D4-T
Description  5-Pin, Multiple-Input, Programmable Reset ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6312UK42D4-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6312UK42D4-T Datasheet HTML 1Page - Maxim Integrated Products MAX6312UK42D4-T Datasheet HTML 2Page - Maxim Integrated Products MAX6312UK42D4-T Datasheet HTML 3Page - Maxim Integrated Products MAX6312UK42D4-T Datasheet HTML 4Page - Maxim Integrated Products MAX6312UK42D4-T Datasheet HTML 5Page - Maxim Integrated Products MAX6312UK42D4-T Datasheet HTML 6Page - Maxim Integrated Products MAX6312UK42D4-T Datasheet HTML 7Page - Maxim Integrated Products MAX6312UK42D4-T Datasheet HTML 8Page - Maxim Integrated Products MAX6312UK42D4-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
5-Pin, Multiple-Input,
Programmable Reset ICs
_______________________________________________________________________________________
3
nA
-25
25
IRST IN_
RST IN Input Current
V
1.20
1.26
VRSTH
RST IN Input Threshold
1.21
1.23
1.25
µs
1
MR Minimum Input
Pulse
V
0.7 x VCC
VIL
MR Input
0.3 x VCC
2.4
0.8
0V < VRST IN_ < VCC - 0.3V
TA = 0°C to +70°C
TA = +25°C
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VTH < 4.0V
VTH > 4.0V
CONDITIONS
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.5V to +5.5V for the MAX6305/MAX6308/MAX6311, VCC = (VTH + 2.5%) to +5.5V for the MAX6306/MAX6307/MAX6309/
MAX6310/MAX6312/MAX6313; TA = 0°C to +70°C; unless otherwise noted. Typical values are at TA = +25°C.)
RST IN Hysteresis
2.5
mV
VIL
Note 1: The MAX6305/MAX6308/MAX6311 switch from undervoltage reset to normal operation between 1.5V < VCC < 2.5V.
Note 2: The MAX6306/MAX6307/MAX6309/MAX6310/MAX6312/MAX6313 monitor VCC through an internal factory-trimmed voltage
divider, which programs the nominal reset threshold. Factory-trimmed reset thresholds are available in approximately
100mV increments from 2.5V to 5V (Table 1).
k
32
63.5
100
MR Pull-Up Resistance
nsV
500
MR to Reset Delay
µs
0.1
MR Glitch Rejection
MANUAL-RESET INPUT (MAX6306/MAX6309/MAX6312)
ADJUSTABLE RESET COMPARATOR INPUTS
VIH
VIH


Similar Part No. - MAX6312UK42D4-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6312UK46D3-T MAXIM-MAX6312UK46D3-T Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6312UK46D3-T MAXIM-MAX6312UK46D3-T Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
More results

Similar Description - MAX6312UK42D4-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305_08 Datasheet
125Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
19-1145; Rev 5; 4/08
MAX6305_V6 MAXIM-MAX6305_V6 Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6306UK30D2 MAXIM-MAX6306UK30D2 Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
logo
Analog Devices
ADM6305 AD-ADM6305_12 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
ADM6305 AD-ADM6305 Datasheet
199Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. 0
logo
National Semiconductor ...
LM3722 NSC-LM3722 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
logo
Renesas Technology Corp
ISL6131 RENESAS-ISL6131 Datasheet
745Kb / 15P
   Multiple Voltage Supervisory ICs
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
520Kb / 13P
   Multiple Voltage Supervisory ICs
ISL6131 INTERSIL-ISL6131 Datasheet
457Kb / 13P
   Multiple Voltage Supervisory ICs
logo
Toshiba Semiconductor
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com