Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGE788C_ Datasheet(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BGE788C_
Description  750 MHz, 34 dB gain push-pull amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BGE788C_ Datasheet(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BGE788C__15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BGE788C__15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BGE788C__15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BGE788C__15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BGE788C__15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BGE788C__15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BGE788C__15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
9397 750 14607
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 1 April 2005
4 of 7
Philips Semiconductors
BGE788C
750 MHz, 34 dB gain push-pull amplifier
6.
Package outline
Fig 1.
Package outline SOT115J
UNIT
A2
max.
c
ee1
q
Q
max.
q1
q2
U2
U1
W
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
20.8
9.1
0.51
0.38
0.25 27.2 2.54 13.75 2.54 5.08 12.7 8.8
4.15
3.85
2.4
38.1 25.4 10.2 4.2
44.75
44.25
8.2
7.8
0.25
0.1
3.8
bF
p
6-32
UNC
y
w
0.7
x
S
DIMENSIONS (mm are the original dimensions)
SOT115J
0
5
10 mm
scale
A
max.
D
max.
L
min.
E
max.
Z
max.
Rectangular single-ended package; aluminium flange; 2 vertical mounting holes;
2 x 6-32 UNC and 2 extra horizontal mounting holes; 7 gold-plated in-line leads
SOT115J
D
U1
q
q2
q1
b
F
S
A
Z
p
E
A2
L
c
d
Q
U2
M
w
78
9
23
W
e
e1
5
p
1
d
max.
x M B
y M B
B
99-02-06
04-02-04
y M B


Similar Part No. - BGE788C__15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGE788C__2015 JMNIC-BGE788C__2015 Datasheet
51Kb / 7P
   750 MHz, 34 dB gain push-pull amplifier
More results

Similar Description - BGE788C__15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGE788C__2015 JMNIC-BGE788C__2015 Datasheet
51Kb / 7P
   750 MHz, 34 dB gain push-pull amplifier
logo
NXP Semiconductors
BGE788 NXP-BGE788_01 Datasheet
55Kb / 8P
   750 MHz, 34 dB gain push-pull amplifier
2001 Nov 15
logo
Quanzhou Jinmei Electro...
BGE788_2015 JMNIC-BGE788_2015 Datasheet
55Kb / 8P
   750 MHz, 34 dB gain push-pull amplifier
BGE788 JMNIC-BGE788_15 Datasheet
55Kb / 8P
   750 MHz, 34 dB gain push-pull amplifier
logo
NXP Semiconductors
BGE788 NXP-BGE788 Datasheet
103Kb / 8P
   750 MHz, 34 dB gain push-pull amplifier
Rev. 5 - 16 September 2011
BGE788C PHILIPS-BGE788C Datasheet
44Kb / 7P
   750 MHz, 34 dB gain push-pull amplifier
Rev. 01-1 April 2005
BGE788 PHILIPS-BGE788 Datasheet
46Kb / 7P
   750 MHz, 34 dB gain push-pull amplifier
Rev. 04-30 March 2005
logo
Quanzhou Jinmei Electro...
BGY785A JMNIC-BGY785A_15 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain push-pull amplifier
BGY785A_2015 JMNIC-BGY785A_2015 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain push-pull amplifier
BGY787_2015 JMNIC-BGY787_2015 Datasheet
65Kb / 12P
   750 MHz, 21.5 dB gain push-pull amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com