Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGO807 Datasheet(PDF) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BGO807
Description  870 MHz optical receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BGO807 Datasheet(HTML) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BGO807_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO807_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO807_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO807_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO807_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO807_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO807_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO807_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO807_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
9397 750 13192
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 7 July 2004
8 of 10
Philips Semiconductors
BGO807/BGO807/FC0/SC0
870 MHz optical receivers
7.
Handling information
Fiberglass optical coupling: maximum tensile strength = 5 N; minimum bending
radius = 35 mm.
8.
Revision history
Table 6:
Revision history
Document ID
Release date
Data sheet status
Change notice
Order number
Supersedes
BGO807_FC0_SC0_1
20040707
Product data sheet
-
9397 750 13192
-


Similar Part No. - BGO807_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGO807 NXP-BGO807_10 Datasheet
141Kb / 11P
   870 MHz optical receivers
Rev. 2-29 September 2010
More results

Similar Description - BGO807_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGO807 NXP-BGO807_10 Datasheet
141Kb / 11P
   870 MHz optical receivers
Rev. 2-29 September 2010
BGO807 PHILIPS-BGO807 Datasheet
82Kb / 10P
   870 MHz optical receivers
Rev. 01-7 July 2004
BGO827 NXP-BGO827_02 Datasheet
93Kb / 12P
   870 MHz optical receivers
2002 Dec 10
BGO827 NXP-BGO827_10 Datasheet
313Kb / 11P
   870 MHz optical receivers
Rev. 5-29 September 2010
logo
Quanzhou Jinmei Electro...
BGO807_2015 JMNIC-BGO807_2015 Datasheet
89Kb / 10P
   870 MHz optical receivers
BGO827_2015 JMNIC-BGO827_2015 Datasheet
93Kb / 12P
   870 MHz optical receivers
BGO827 JMNIC-BGO827_15 Datasheet
93Kb / 12P
   870 MHz optical receivers
logo
NXP Semiconductors
BGO827 PHILIPS-BGO827 Datasheet
93Kb / 10P
   870 MHz optical receivers
2004 Apr 07
BGO747 PHILIPS-BGO747 Datasheet
86Kb / 12P
   750 MHz optical receivers
2002 Dec 03
CGO869 PHILIPS-CGO869 Datasheet
60Kb / 8P
   870 MHz optical receiver with integrated gain control
2003 Oct 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com